Moteur de recherche de fiches techniques de composants électroniques |
|
DAC7545KU Fiches technique(PDF) 4 Page - Texas Instruments |
|
DAC7545KU Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 12 page DAC7545 4 SBAS150A www.ti.com FIGURE 1. Simplified DAC Circuit of the DAC7545. RR 2R 2R R 2R R 2R R FB 2R OUT 1 AGND DB0 (LSB) DB9 DB10 DB11 (MSB) V REF MONOTONICITY Monotonicity assures that the analog output will increase or stay the same for increasing digital input codes. The DAC7545 is ensured monotonic to 12 bits, except the J grade is specified to be 10-bit monotonic. POWER-SUPPLY REJECTION Power-supply rejection is the measure of the sensitivity of the output (full-scale) to a change in the power-supply voltage. CIRCUIT DESCRIPTION Figure 1 shows a simplified schematic of the DAC portion of the DAC7545. The current from the VREF pin is switched from OUT 1 to AGND by the FET switch. This circuit architecture keeps the resistance at the reference pin constant and equal to RLDR, so the reference can be provided by either a voltage or current, AC or DC, positive or negative polarity, and have a voltage range up to ±20V even with V DD = 5V. The RLDR is equal to R and is typically 11kW. The output capacitance of the DAC7545 is code dependent and varies from a minimum value (70pF) at code 000h to a maximum (200pF) at code FFFh. The input buffers are CMOS inverters, designed so that when the DAC7545 is operated from a 5V supply (VDD), the logic threshold is TTL-compatible. Being simple CMOS in- verters, there is a range of operation where the inverters operate in the linear region and thus draw more supply current than normal. Minimizing this transition time through the linear region and insuring that the digital inputs are operated as close to the rails as possible will minimize the supply drain current. DISCUSSION OF SPECIFICATIONS RELATIVE ACCURACY This term (also known as end point linearity) describes the transfer function of analog output to digital input code. Relative accuracy describes the deviation from a straight line after zero and full-scale have been adjusted. DIFFERENTIAL NONLINEARITY Differential nonlinearity is the deviation from an ideal 1LSB change in the output, for adjacent input code changes. A differential nonlinearity specification of 1LSB ensures mono- tonicity. GAIN ERROR Gain error is the difference in measure of full-scale output versus the ideal DAC output; the ideal output for the DAC7545 is –(4095/4096)(VREF). Gain error can be adjusted to zero using external trims, see the Applications section. OUTPUT LEAKAGE CURRENT The current that appears at OUT 1 with the DAC loaded with all zeros. MULTIPLYING FEEDTHROUGH ERROR The AC output error due to capacitive feedthrough from VREF to OUT 1 with the DAC loaded with all zeros; this test is performed using a 10kHz sine wave. OUTPUT CURRENT SETTLING TIME The time required for the output to settle within ±0.5 LSB of final value from a change in code of all zeros to all ones, or all ones to all zeros. PROPAGATION DELAY The delay of the internal circuitry is measured as the time from a digital code change to the point at which the output reaches 90% of final value. DIGITAL-TO-ANALOG GLITCH IMPULSE The area of the glitch energy measured in nanovolt-seconds. Key contributions to glitch energy are internal circuitry timing differences and charge injected from digital logic. The measurement is performed with VREF = GND, an OPA600 as the output op amp, and G1 (phase compensation) = 0pF. |
Numéro de pièce similaire - DAC7545KU |
|
Description similaire - DAC7545KU |