Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLW21SR670HQ2 Fiches technique(PDF) 17 Page - Murata Manufacturing Co., Ltd.

No de pièce DLW21SR670HQ2
Description  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW21SR670HQ2 Fiches technique(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button DLW21SR670HQ2 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. DLW21SR670HQ2 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
164
1206 size film type chip common mode choke coil.
DLP31SSeries (1206 Size)
DLP Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLP31S
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
3000
B
Bulk(Bag)
500
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLP31SN121ML2p
120ohm
±20%
100mA
16Vdc
100M ohm
40Vdc
2.0ohm max.
DLP31SN221ML2p
220ohm
±20%
100mA
16Vdc
100M ohm
40Vdc
2.5ohm max.
DLP31SN551ML2p
550ohm
±20%
100mA
16Vdc
100M ohm
40Vdc
3.6ohm max.
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
3.2
±0.15
(2.1)
1.6
±0.15
0.3
±0.2
(1)
(3)
(2)
(4)
0.7
±0.2
(in mm)
: Electrode
Frequency (MHz)
10
100
1000
10000
100
10
1
1000
1
DLP31SN551ML2
DLP31SN221ML2
DLP31SN121ML2
DLP31SN551ML2
DLP31SN221ML2
DLP31SN121ML2
Common mode
Differential mode
(1)
(4)
(2)
(3)
No polarity.


Numéro de pièce similaire - DLW21SR670HQ2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DLW21SR670HQ2 MURATA-DLW21SR670HQ2 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Murata Manufacturing Co...
DLW21SR670HQ2 MURATA1-DLW21SR670HQ2 Datasheet
343Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW21SR670HQ2B MURATA-DLW21SR670HQ2B Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type DLW21S Series (0805 Size)
logo
Murata Manufacturing Co...
DLW21SR670HQ2B MURATA1-DLW21SR670HQ2B Datasheet
343Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW21SR670HQ2L MURATA-DLW21SR670HQ2L Datasheet
100Kb / 2P
   Common Mode Choke Coil Wire Wound Type DLW21S Series (0805 Size)
More results

Description similaire - DLW21SR670HQ2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com