Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0731 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce HCPL-0731
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0731 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  HCPL-0731 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0731 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
12/11/03
Page 4 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
NOTES
1. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
2. Pin 7 open. Use of a resistor between pins 5 and 7 will decrease gain and delay time.
3. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVCM/dt on the leading edge of the
common mode pulse signal, VCM, to assure that the output will remain in a logic high state (i.e., VO>2.0 V). Common mode
transient immunity in logic low level is the maximum tolerable (negative) dVCM/dt on the trailing edge of the common mode
pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8 V).
4. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together.
5. 2500 VAC RMS for 1 minute duration is equivalent to 3000 VAC RMS for 1 second duration.
** All typicals at TA = 25°C
SWITCHING CHARACTERISTICS (TA = 0 to 70°C unless otherwise specified., VCC = 5 V)
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
Propagation delay
time to logic low
(Note 2) (Fig. 14)
(RL = 4.7 kΩ, IF = 0.5 mA)
TPHL
HCPL-0701
30
µs
HCPL-0731
120
TA = 25°C
HCPL-0701
3
25
HCPL-0731
5
100
(RL = 270 Ω, IF = 12 mA)
HCPL-0701
2
HCPL-0731
3
TA = 25°C
HCPL-0701
0.3
1
HCPL-0731
0.4
2
(RL = 2.2 kΩ, IF = 1.6 mA)
HCPL-0700
15
HCPL-0730/0731
25
TA = 25°C
HCPL-0700
1
10
HCPL-0730/0731
2
20
Propagation delay
time to logic high
(Note 2) (Fig. 14)
(RL = 4.7 kΩ, IF = 0.5 mA)
TPLH
HCPL-0701/31
90
µs
TA = 25°C
HCPL-0701/31
12
60
(RL = 270 Ω, IF = 12 mA)
HCPL-0701
10
HCPL-0731
15
TA = 25°C
HCPL-0701
1.6
7
HCPL-0731
1.6
10
(RL = 2.2 kΩ, IF = 1.6 mA)
HCPL-0700/30/31
50
TA = 25°C
HCPL-0700/30/31
7
35
Common mode
transient
immunity at
logic high
(IF = 0 mA, |VCM| = 10 VP-P)
TA = 25°C (RL = 2.2 kΩ) (Note 3) (Fig. 15)
|CMH|
ALL
1,000
10,000
V/µs
Common mode
transient
immunity at
logic low
(IF = 1.6 mA, |VCM| = 10 VP-P,
RL = 2.2 kΩ)
TA = 25°C (Note 3) (Fig. 15)
|CML|
ALL
1,000
10,000
V/µs


Numéro de pièce similaire - HCPL-0731

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-0731 HP-HCPL-0731 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0731 FAIRCHILD-HCPL-0731 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0731 FAIRCHILD-HCPL-0731 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0731 AVAGO-HCPL-0731 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0731R1 FAIRCHILD-HCPL-0731R1 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

Description similaire - HCPL-0731

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com