Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLP31SN551ML2 Fiches technique(PDF) 11 Page - Murata Manufacturing Co., Ltd.

No de pièce DLP31SN551ML2
Description  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP31SN551ML2 Fiches technique(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button DLP31SN551ML2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLP31SN551ML2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLP31SN551ML2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DLP31SN551ML2 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DLP31SN551ML2 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DLP31SN551ML2 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DLP31SN551ML2 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DLP31SN551ML2 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DLP31SN551ML2 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
158
Audio line common choke also effective to differential mode.
DLM11GSeries (0504 Size)
DLM Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLM11G
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current
Rated Voltage
Insulation Resistance (min.)
Withstand Voltage
DC Resistance
DLM11GN601SD2p
600ohm
±25%
100mA
5Vdc
100M ohm
25Vdc
0.8ohm max.
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
0.2
±0.15
1.0
±0.15
0.5
±0.1
(2)
(1)
(3)
(4)
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
10000
1
10
100
1000
Differential Mode
Common Mode
DLM11GN601SD2
DLM11GN601SD2
(1)
(4)
(2)
(3)
No polarity.


Numéro de pièce similaire - DLP31SN551ML2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DLP31SN551ML2 MURATA1-DLP31SN551ML2 Datasheet
320Kb / 3P
   DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.
Last updated07/26/2022
DLP31SN551ML2B MURATA1-DLP31SN551ML2B Datasheet
320Kb / 3P
   DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.
Last updated07/26/2022
DLP31SN551ML2L MURATA1-DLP31SN551ML2L Datasheet
320Kb / 3P
   DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.
Last updated07/26/2022
DLP31SN551ML2 MURATA1-DLP31SN551ML2_V01 Datasheet
320Kb / 3P
   DLP31S series is chip common mode choke coil that realizes high impedance in a small size with ferrite material technology and film processing technology.
Last updated07/26/2022
More results

Description similaire - DLP31SN551ML2

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com