Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFP460BPBF Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce IRFP460BPBF
Description  D Series Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFP460BPBF Fiches technique(HTML) 6 Page - Vishay Siliconix

  IRFP460BPBF Datasheet HTML 1Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 2Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 3Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 4Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 5Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 6Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 7Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 8Page - Vishay Siliconix IRFP460BPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFP460B, SiHG460B
www.vishay.com
Vishay Siliconix
S12-0812-Rev. B, 16-Apr-12
6
Document Number: 91502
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 18 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?91502.
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
V
GS = 10 V
a
I
SD
Driver gate drive
D.U.T. l
SD waveform
D.U.T. V
DS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
Peak Diode Recovery dV/dt Test Circuit
V
DD
• dV/dt controlled by R
g
• Driver same type as D.U.T.
• I
SD controlled by duty factor “D”
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
Note
a. V
GS = 5 V for logic level devices
V
DD


Numéro de pièce similaire - IRFP460BPBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
IRFP460BPBF VISHAY-IRFP460BPBF Datasheet
214Kb / 10P
   D Series Power MOSFET
01-Jan-2022
More results

Description similaire - IRFP460BPBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com