Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-CM2B-230DD Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-CM2B-230DD
Description  New 5mm Blue and Green LED Lamps High luminous output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM2B-230DD Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CM2B-230DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM2B-230DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM2B-230DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM2B-230DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM2B-230DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM2B-230DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM2B-230DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM2B-230DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM2B-230DD Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Precautions:
Lead Forming:
• The leads of an LED lamp may be preformed or cut to
length prior to insertion and soldering on PC board.
• For better control, it is recommended to use proper
tool to precisely form and cut the leads to applicable
length rather than doing it manually.
• If manual lead cutting is necessary, cut the leads after
the soldering process. The solder connection forms a
mechanical ground which prevents mechanical stress
due to lead cutting from traveling into LED package.
This is highly recommended for hand solder operation,
as the excess lead length also acts as small heat sink.
Soldering and Handling:
• Care must be taken during PCB assembly and soldering
process to prevent damage to the LED component.
• LED component may be effectively hand soldered
to PCB. However, it is only recommended under
unavoidable circumstances such as rework. The closest
manual soldering distance of the soldering heat source
(soldering iron’s tip) to the body is 1.59mm. Soldering
the LED using soldering iron tip closer than 1.59mm
might damage the LED.
• ESD precaution must be properly applied on the
1.59mm
soldering station and personnel to prevent ESD
damage to the LED component that is ESD sensitive.
Do refer to Avago application note AN 1142 for details.
The soldering iron used should have grounded tip to
ensure electrostatic charge is properly grounded.
• Recommended soldering condition:
Wave
Soldering [1, 2]
Manual Solder
Dipping
Pre-heat temperature
105°C Max.
-
Preheat time
60 sec Max
-
Peak temperature
260°C Max.
260°C Max.
Dwell time
5 sec Max.
5 sec Max
Note:
1. Above conditions refers to measurement with thermocouple
mounted at the bottom of PCB.
2. It is recommended to use only bottom preheaters in order to reduce
thermal stress experienced by LED.
• Wave soldering parameters must be set and maintained
according to the recommended temperature and dwell
time. Customer is advised to perform daily check on the
soldering profile to ensure that it is always conforming
to recommended soldering conditions.
Note:
1. PCB with different size and design (component density) will have
different heat mass (heat capacity). This might cause a change in
temperature experienced by the board if same wave soldering
setting is used. So, it is recommended to re-calibrate the soldering
profile again before loading a new type of PCB.
Avago Technologies LED Configuration
• Any alignment fixture that is being applied during
wave soldering should be loosely fitted and should
not apply weight or force on LED. Non metal material
is recommended as it will absorb less heat during wave
soldering process.
• At elevated temperature, LED is more susceptible to
mechanical stress. Therefore, PCB must allowed to cool
down to room temperature prior to handling, which
includes removal of alignment fixture or pallet.
• If PCB board contains both through hole (TH) LED and
other surface mount components, it is recommended
that surface mount components be soldered on the
top side of the PCB. If surface mount need to be on the
bottom side, these components should be soldered
using reflow soldering prior to insertion the TH LED.
• Recommended PC board plated through holes (PTH)
size for LED component leads.
LED component
lead size
Diagonal
Plated through
hole diameter
0.45 x 0.45 mm
(0.018x 0.018 inch)
0.636 mm
(0.025 inch)
0.98 to 1.08 mm
(0.039 to 0.043 inch)
0.50 x 0.50 mm
(0.020x 0.020 inch)
0.707 mm
(0.028 inch)
1.05 to 1.15 mm
(0.041 to 0.045 inch)
• Over-sizing the PTH can lead to twisted LED after
clinching. On the other hand under sizing the PTH can
cause difficulty inserting the TH LED.
Refer to application note AN5334 for more information about
soldering and handling of high brightness TH LED lamps.
CATHODE
InGaN Device


Numéro de pièce similaire - HLMP-CM2B-230DD

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM2B-230DD AVAGO-HLMP-CM2B-230DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-CM2B-230DD BOARDCOM-HLMP-CM2B-230DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

Description similaire - HLMP-CM2B-230DD

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM1A-450DD AVAGO-HLMP-CM1A-450DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
logo
OptoSupply Internationa...
OSGGD25111E OPTOSUPPLY-OSGGD25111E Datasheet
112Kb / 1P
   5mm Round Green & Green LED Long Lifetime Operation High Luminous LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com