Moteur de recherche de fiches techniques de composants électroniques |
|
6N138-320E Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
6N138-320E Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 14 page 6 8-Pin Widebody DIP Package with Gull Wing Surface Mount Option 300 (HCNW139/HCNW138) Solder Reflow Temperature Profile 0 TIME (SECONDS) 200 100 50 150 100 200 250 300 0 30 SEC. 50 SEC. 30 SEC. 160 °C 140 °C 150 °C PEAK TEMP. 245 °C PEAK TEMP. 240 °C PEAK TEMP. 230 °C SOLDERING TIME 200 °C PREHEATING TIME 150 °C, 90 + 30 SEC. 2.5 C ± 0.5 °C/SEC. 3 °C + 1 °C/–0.5 °C TIGHT TYPICAL LOOSE ROOM TEMPERATURE PREHEATING RATE 3 °C + 1 °C/–0.5 °C/SEC. REFLOW HEATING RATE 2.5 °C ± 0.5 °C/SEC. NOTE: NON-HALIDE FLUX SHOULD BE USED. 1.00 ± 0.15 (0.039 ± 0.006) 7° NOM. 12.30 ± 0.30 (0.484 ± 0.012) 0.75 ± 0.25 (0.030 ± 0.010) 11.00 (0.433) 5 6 7 8 4 3 2 1 11.23 ± 0.15 (0.442 ± 0.006) 9.00 ± 0.15 (0.354 ± 0.006) 1.3 (0.051) 13.56 (0.534) 2.29 (0.09) LAND PATTERN RECOMMENDATION 1.80 ± 0.15 (0.071 ± 0.006) 4.00 (0.158)MAX. 1.55 (0.061) MAX. 2.54 (0.100) BSC DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES). NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX. 0.254 + 0.076 - 0.0051 (0.010 + 0.003) - 0.002) MAX. |
Numéro de pièce similaire - 6N138-320E |
|
Description similaire - 6N138-320E |