Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1111ARZ-REEL Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADP1111ARZ-REEL
Description  Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1111ARZ-REEL Fiches technique(HTML) 5 Page - Analog Devices

  ADP1111ARZ-REEL Datasheet HTML 1Page - Analog Devices ADP1111ARZ-REEL Datasheet HTML 2Page - Analog Devices ADP1111ARZ-REEL Datasheet HTML 3Page - Analog Devices ADP1111ARZ-REEL Datasheet HTML 4Page - Analog Devices ADP1111ARZ-REEL Datasheet HTML 5Page - Analog Devices ADP1111ARZ-REEL Datasheet HTML 6Page - Analog Devices ADP1111ARZ-REEL Datasheet HTML 7Page - Analog Devices ADP1111ARZ-REEL Datasheet HTML 8Page - Analog Devices ADP1111ARZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ADP1111
–5–
REV. 0
TEMPERATURE – C
7.5
6.6
–40
85
25
7.3
7.2
6.8
6.7
7.4
ON TIME
7.1
6.9
7.0
070
Figure 8. Switch ON Time vs. Temperature
TEMPERATURE – C
58
56
46
–40
85
25
54
48
DUTY CYCLE
52
50
070
Figure 9. Duty Cycle vs. Temperature
TEMPERATURE – C
0.6
0.5
0
–40
85
25
0.3
0.2
0.1
0.4
VIN = 3V @ ISW = 0.65A
070
Figure 10. Saturation Voltage vs. Temperature in Step-Up
Mode
TEMPERATURE – C
1.10
1.05
0.80
–40
85
25
1.00
0.85
VIN = 12V @ ISW = 0.65A
0.95
0.90
070
Figure 11. Switch ON Voltage vs. Temperature in Step-
Down Mode
TEMPERATURE – C
500
0
–40
85
25
300
250
200
100
400
350
QUIESCENT CURRENT
150
50
070
450
Figure 12. Quiescent Current vs. Temperature
TEMPERATURE – C
250
0
–40
85
25
150
100
50
200
BIAS CURRENT
070
Figure 13. Feedback Bias Current vs. Temperature
REV. A


Numéro de pièce similaire - ADP1111ARZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1111ARZ-REEL AD-ADP1111ARZ-REEL Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results

Description similaire - ADP1111ARZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
   Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
   Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
   Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV. 0
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
   Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
   Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
    Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com