Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6S28AHE3 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SM6S28AHE3
Description  Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6S28AHE3 Fiches technique(HTML) 4 Page - Vishay Siliconix

  SM6S28AHE3 Datasheet HTML 1Page - Vishay Siliconix SM6S28AHE3 Datasheet HTML 2Page - Vishay Siliconix SM6S28AHE3 Datasheet HTML 3Page - Vishay Siliconix SM6S28AHE3 Datasheet HTML 4Page - Vishay Siliconix SM6S28AHE3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SM6S10 thru SM6S36A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Sep-11
4
Document Number: 88384
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
t - Pulse Width (s)
100
10
1
0.1
0.01
0.01
0.1
1
10
100
RθJC
RθJA
DO-218AB
Mounting Pad Layout
0.413 (10.5)
0.374 (9.5)
0.091 (2.3)
0.067 (1.7)
0.116 (3.0)
0.093 (2.4)
0.150 (3.8)
0.126 (3.2)
0.366 (9.3)
0.343 (8.7)
0.606 (15.4)
0.583 (14.8)
0.116 (3.0)
0.093 (2.4)
0.628 (16.0)
0.592 (15.0)
0.539 (13.7)
0.524 (13.3)
0.366 (9.3)
0.343 (8.7)
0.406 (10.3)
0.382 (9.7)
0.342 (8.7)
0.327 (8.3)
0.413 (10.5)
0.374 (9.5)
0.028 (0.7)
0.020 (0.5)
0.138 (3.5)
0.098 (2.5)
Lead 1
0.098 (2.5)
0.059 (1.5)
Lead 2/Metal Heatsink
0.197 (5.0)
0.185 (4.7)
0.016 (0.4) MIN.


Numéro de pièce similaire - SM6S28AHE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SM6S28A VISHAY-SM6S28A Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
SM6S28A VISHAY-SM6S28A Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM6S28A VISHAY-SM6S28A Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
SUNMATE electronic Co.,...
SM6S28A SUNMATE-SM6S28A Datasheet
629Kb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SM6S28A LEIDITECH-SM6S28A Datasheet
1Mb / 6P
   4600W Transient Voltage Suppressor
More results

Description similaire - SM6S28AHE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SM6A27-E32D VISHAY-SM6A27-E32D Datasheet
85Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
SM8S30AHE32D VISHAY-SM8S30AHE32D Datasheet
98Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 14-Sep-11
TMPG06-6.8 VISHAY-TMPG06-6.8_11 Datasheet
85Kb / 5P
   PAR Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 09-Feb-11
TPSMA43A VISHAY-TPSMA43A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMB43A VISHAY-TPSMB43A_08 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA43A VISHAY-TPSMA43A_08 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMC47A VISHAY-TPSMC47A Datasheet
109Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
3KASMC10 VISHAY-3KASMC10 Datasheet
93Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
29-Jun-06
TMPG06-43A VISHAY-TMPG06-43A_08 Datasheet
102Kb / 5P
   Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TMPG06-43A VISHAY-TMPG06-43A Datasheet
87Kb / 5P
   Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
13-Dec-06
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com