Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5063BRMZ1 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5063BRMZ1
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5063BRMZ1 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5063BRMZ1 Datasheet HTML 6Page - Analog Devices AD5063BRMZ1 Datasheet HTML 7Page - Analog Devices AD5063BRMZ1 Datasheet HTML 8Page - Analog Devices AD5063BRMZ1 Datasheet HTML 9Page - Analog Devices AD5063BRMZ1 Datasheet HTML 10Page - Analog Devices AD5063BRMZ1 Datasheet HTML 11Page - Analog Devices AD5063BRMZ1 Datasheet HTML 12Page - Analog Devices AD5063BRMZ1 Datasheet HTML 13Page - Analog Devices AD5063BRMZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5063
Rev. C | Page 10 of
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.7
3.2
3.7
4.2
4.7
5.2
5.7
SUPPLY VOLTAGE (V)
TA = 25°C
VREF = 2.7V
Figure 16. Supply Current vs. Supply Voltage
CH2 50mV/DIV
CH1 2V/DIV
TIME BASE 400ns/DIV
24TH CLOCK FALLING
CH1 = SCLK
CH2 = VOUT
Figure 17. Digital-to-Analog Glitch Impulse (See Figure 21)
0
50
100
150
200
250
300
1000
10000
100000
1000000
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
VREF = 4.096V
FULL SCALE
MIDSCALE
ZERO SCALE
100
Figure 18. Output Noise Spectral Density
CH1 2V/DIV CH2 2V/DIV CH3 2V TIME BASE = 5.00
μs
CH2 = VOUT
CH1 = TRIGGER
CH3 = SCLK
Figure 19. Exiting Power-Down Time to Midscale
VDD = 3V
DAC = FULL SCALE
VREF = 2.7V
TA = 25°C
Y-AXIS = 2µV/DIV
X-AXIS = 4sec/DIV
Figure 20. 0.1 Hz to 10 Hz Noise Plot
50
100
150
200
250
300
350
400
450
500
0
SAMPLES
VDD = 5V
VREF = 4.096V
TA = 25°C
10ns/SAMPLE
Figure 21. Glitch Energy


Numéro de pièce similaire - AD5063BRMZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5063BRM-1 AD-AD5063BRM-1 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
More results

Description similaire - AD5063BRMZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com