Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5063BRMZ1 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5063BRMZ1
Description  Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5063BRMZ1 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5063BRMZ1 Datasheet HTML 4Page - Analog Devices AD5063BRMZ1 Datasheet HTML 5Page - Analog Devices AD5063BRMZ1 Datasheet HTML 6Page - Analog Devices AD5063BRMZ1 Datasheet HTML 7Page - Analog Devices AD5063BRMZ1 Datasheet HTML 8Page - Analog Devices AD5063BRMZ1 Datasheet HTML 9Page - Analog Devices AD5063BRMZ1 Datasheet HTML 10Page - Analog Devices AD5063BRMZ1 Datasheet HTML 11Page - Analog Devices AD5063BRMZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5063
Rev. C | Page 8 of
20
TYPICAL PERFORMANCE CHARACTERISTICS
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
70000
DAC CODE
1.2
1.4
TA = 25°C
VDD = 5V VREF = 4.096V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
70000
DAC CODE
TA = 25°C
VDD = 5V VREF = 4.096V
Figure 4. INL Error vs. DAC Code
Figure 7. DNL Error vs. DAC Code
0
10000
20000
30000
40000
50000
60000
70000
DAC CODE
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
TA = 25°C
VDD = 5V VREF = 4.096V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 5.5V VREF = 4.096V
VDD = 2.7V VREF = 2.0V
MAX DNL @ VDD = 5.5V
MAX DNL @ VDD = 2.7V
MIN DNL @ VDD = 2.7V
MIN DNL @ VDD = 5.5V
Figure 5. TUE Error vs. DAC Code
Figure 8. DNL Error vs. Temperature
VDD = 5.5V VREF = 4.096V
VDD = 2.7V VREF = 2.0V
–1.0
–0.8
–0.6
–0.4
–0.2
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX TUE @ 2.7V
MAX TUE @ 5.5V
MIN TUE @ 5.5V
MIN TUE @ 2.7V
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 5.5V VREF = 4.096V
VDD = 2.7V VREF = 2.0V
MAX INL @ VDD = 2.7V
MAX INL @ VDD = 5.5V
MIN INL @ VDD = 2.7V
MIN INL @ VDD = 5.5V
Figure 6. INL Error vs. Temperature
Figure 9. TUE Error vs. Temperature


Numéro de pièce similaire - AD5063BRMZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5063BRM-1 AD-AD5063BRM-1 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
More results

Description similaire - AD5063BRMZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5062 AD-AD5062_15 Datasheet
464Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060 AD-AD5060_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5040 AD-AD5040_15 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060ARJZ-1500RL7 AD-AD5060ARJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5060BRJZ-1500RL7 AD-AD5060BRJZ-1500RL7 Datasheet
461Kb / 24P
   Fully Accurate 14-/16-Bit VOUT nanoDAC??SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. A
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com