Moteur de recherche de fiches techniques de composants électroniques |
|
AD5668BCPZ-2500RL7 Fiches technique(PDF) 3 Page - Analog Devices |
|
AD5668BCPZ-2500RL7 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 32 page Data Sheet AD5628/AD5648/AD5668 Rev. G | Page 3 of 32 SPECIFICATIONS VDD = 4.5 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, VREFIN = VDD. All specifications TMIN to TMAX, unless otherwise noted. Table 1. A Grade1 B Grade1 Parameter Min Typ Max Min Typ Max Unit Conditions/Comments STATIC PERFORMANCE2 AD5628 Resolution 12 12 Bits Relative Accuracy ±0.5 ±4 ±0.5 ±1 LSB See Figure 9 Differential Nonlinearity ±0.25 ±0.25 LSB Guaranteed monotonic by design (see Figure 12) AD5648 Resolution 14 14 Bits Relative Accuracy ±2 ±8 ±2 ±4 LSB See Figure 8 Differential Nonlinearity ±0.5 ±0.5 LSB Guaranteed monotonic by design (see Figure 11) AD5668 Resolution 16 16 Bits Relative Accuracy ±8 ±32 ±8 ±16 LSB See Figure 7 Differential Nonlinearity ±1 ±1 LSB Guaranteed monotonic by design (see Figure 10) Zero-Code Error 6 19 6 19 mV All 0s loaded to DAC register (see Figure 26) Zero-Code Error Drift ±2 ±2 µV/°C Full-Scale Error −0.2 −1 −0.2 −1 % FSR All 1s loaded to DAC register (see Figure 27) Gain Error ±1 ±1 % FSR Gain Temperature Coefficient ±2.5 ±2.5 ppm Of FSR/°C Offset Error ±6 ±19 ±6 ±19 mV DC Power Supply Rejection Ratio –80 –80 dB VDD ± 10% DC Crosstalk (External Reference) 10 10 µV Due to full-scale output change, RL = 2 kΩ to GND or VDD 5 5 µV/mA Due to load current change 10 10 µV Due to powering down (per channel) DC Crosstalk (Internal Reference) 25 25 µV Due to full-scale output change, RL = 2 kΩ to GND or VDD 10 10 µV/mA Due to load current change OUTPUT CHARACTERISTICS3 Output Voltage Range 0 VDD 0 VDD V Capacitive Load Stability 2 2 nF RL = ∞ 10 10 nF RL = 2 kΩ DC Output Impedance 0.5 0.5 Ω Short-Circuit Current 30 30 mA VDD = 5 V Power-Up Time 4 4 µs Coming out of power-down mode, VDD = 5 V REFERENCE INPUTS Reference Current 40 55 40 55 µA VREF = VDD = 5.5 V (per DAC channel) Reference Input Range 0 VDD 0 VDD V Reference Input Impedance 14.6 14.6 kΩ REFERENCE OUTPUT Output Voltage AD56x8-2, AD56x8-3 2.495 2.505 2.495 2.505 V At ambient Reference TC3 5 10 5 10 ppm/°C TSSOP 15 5 10 ppm/°C LFCSP Reference Output Impedance 7.5 7.5 kΩ |
Numéro de pièce similaire - AD5668BCPZ-2500RL7 |
|
Description similaire - AD5668BCPZ-2500RL7 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |