Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSTD16450GX Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FSTD16450GX
Description  Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD16450GX Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FSTD16450GX Datasheet HTML 3Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 4Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 5Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 6Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 7Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 8Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 9Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 10Page - Fairchild Semiconductor FSTD16450GX Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD56
Technology Description
The Fairchild Switch family derives from and embodies Fairchild’s proven switch technology used for several years in its
74LVX3L384 (FST3384) bus switch product.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Numéro de pièce similaire - FSTD16450GX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTD16211G FAIRCHILD-FSTD16211G Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211G ONSEMI-FSTD16211G Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTD16211MTD FAIRCHILD-FSTD16211MTD Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
More results

Description similaire - FSTD16450GX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTD32450 FAIRCHILD-FSTD32450 Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com