Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DF40C2.0-30DS-0.4V51 Fiches technique(PDF) 11 Page - Hirose Electric

No de pièce DF40C2.0-30DS-0.4V51
Description  0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40C2.0-30DS-0.4V51 Fiches technique(HTML) 11 Page - Hirose Electric

Back Button DF40C2.0-30DS-0.4V51 Datasheet HTML 7Page - Hirose Electric DF40C2.0-30DS-0.4V51 Datasheet HTML 8Page - Hirose Electric DF40C2.0-30DS-0.4V51 Datasheet HTML 9Page - Hirose Electric DF40C2.0-30DS-0.4V51 Datasheet HTML 10Page - Hirose Electric DF40C2.0-30DS-0.4V51 Datasheet HTML 11Page - Hirose Electric DF40C2.0-30DS-0.4V51 Datasheet HTML 12Page - Hirose Electric DF40C2.0-30DS-0.4V51 Datasheet HTML 13Page - Hirose Electric DF40C2.0-30DS-0.4V51 Datasheet HTML 14Page - Hirose Electric DF40C2.0-30DS-0.4V51 Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DF40 Series0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
11
A
2±0.1
4±0.1
F
F-F
G
H
H
F
Unreeling Dimension
G-G
0.3±0.1
G
Ø0.75
+0.1
0
Part number label
2±0.5
E±0.5
D±1
Embossed Carrier Tape Dimensions - Header
Unit: mm
Reel Dimensions
Part Number
A
B
C
D
E
DF40C- 10DP-0.4V(51)
12.0
----
5.5
17.5
13.5
DF40C- 12DP-0.4V(51)
12.0
----
5.5
17.5
13.5
DF40C- 20DP-0.4V(51)
16.0
----
7.5
21.5
17.5
DF40C- 24DP-0.4V(51)
16.0
----
7.5
21.5
17.5
DF40C- 30DP-0.4V(51)
16.0
----
7.5
21.5
17.5
DF40C- 34DP-0.4V(51)
24.0
----
11.5
29.5
25.5
DF40C- 40DP-0.4V(51)
24.0
----
11.5
29.5
25.5
DF40C- 44DP-0.4V(51)
24.0
----
11.5
29.5
25.5
DF40C- 50DP-0.4V(51)
24.0
----
11.5
29.5
25.5
DF40C- 60DP-0.4V(51)
24.0
----
11.5
29.5
25.5
DF40C- 70DP-0.4V(51)
32.0
28.4
14.2
37.5
33.5
DF40C- 80DP-0.4V(51)
32.0
28.4
14.2
37.5
33.5
DF40C- 90DP-0.4V(51)
44.0
40.4
20.2
49.5
45.5
DF40C-100DP-0.4V(51)
44.0
40.4
20.2
49.5
45.5
Note : Bottom side deed holes are added to embossed tape when A = 32.0 or greater


Numéro de pièce similaire - DF40C2.0-30DS-0.4V51

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DF40C-60DP-0.4V-51 TI-DF40C-60DP-0.4V-51 Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Description similaire - DF40C2.0-30DS-0.4V51

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com