Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FST162861MTD Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FST162861MTD
Description  20-Bit Bus Switch with 25W Series Resistors in Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST162861MTD Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FST162861MTD Datasheet HTML 1Page - Fairchild Semiconductor FST162861MTD Datasheet HTML 2Page - Fairchild Semiconductor FST162861MTD Datasheet HTML 3Page - Fairchild Semiconductor FST162861MTD Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 Fairchild Semiconductor Corporation
DS500319
www.fairchildsemi.com
March 2000
Revised March 2000
FST162861
20-Bit Bus Switch with 25
Ω Series Resistors in Outputs
General Description
The Fairchild Switch FST162861 provides 20-Bits of high-
speed CMOS TTL-compatible bus switching. The low on
resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise.
The device is organized as a 10-bit or 20-Bit bus switch.
When OE1 is LOW, the switch is ON and Port 1A is con-
nected to Port 1B. When OE2 is LOW, Port 2A is connected
to Port 2B. When OEX is HIGH, a high impedance state
exists between the A and B ports. The FST162861 has an
equivalent 25
Ω series resistors to reduce signal-reflection
noise, eliminating the need for external terminating resis-
tors.
Features
s 25
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Logic Diagram
Truth Table
Order Number
Package Number
Package Description
FST162861MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
= 1B
2A
= 2B
LH
1A
= 1B
Z
HL
Z
2A
= 2B
HH
Z
Z


Numéro de pièce similaire - FST162861MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FST162861MTD FAIRCHILD-FST162861MTD Datasheet
166Kb / 5P
   20-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST162861MTDX_NL FAIRCHILD-FST162861MTDX_NL Datasheet
166Kb / 5P
   20-Bit Bus Switch with 25ohm Series Resistors in Outputs
More results

Description similaire - FST162861MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FST162861 FAIRCHILD-FST162861_05 Datasheet
166Kb / 5P
   20-Bit Bus Switch with 25ohm Series Resistors in Outputs
logo
Pericom Semiconductor C...
PI5C32X2384 PERICOM-PI5C32X2384 Datasheet
80Kb / 3P
   20-Bit Bus Switch with 25W Series Resistor
logo
Fairchild Semiconductor
74F2243 FAIRCHILD-74F2243 Datasheet
31Kb / 3P
   Quad Bus Transceiver with 25W Series Resistors in the Outputs
FST34X2245 FAIRCHILD-FST34X2245_05 Datasheet
128Kb / 5P
   32-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST34X2245 FAIRCHILD-FST34X2245 Datasheet
361Kb / 5P
   32-Bit Bus Switch with 25??Series Resistors in Outputs
FST162245 FAIRCHILD-FST162245 Datasheet
189Kb / 4P
   16-Bit Bus Switch with 25??Series Resistors in Outputs
FSTD162861 FAIRCHILD-FSTD162861 Datasheet
173Kb / 6P
   20-Bit Bus Switch with Level Shifting and 25??Series Resistors in Outputs Preliminary
logo
Texas Instruments
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Fairchild Semiconductor
FSTU162450 FAIRCHILD-FSTU162450 Datasheet
476Kb / 10P
   Configurable 4-Bit to 20-Bit Bus Switch with .2V Undershoot Protection and 25??Series Resistors in Outputs (Preliminary)
logo
STMicroelectronics
B5S162862 STMICROELECTRONICS-B5S162862 Datasheet
208Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL AND 25W SERIES RESISTOR IN OUTPUT
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com