Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3015 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce SI3015
Description  V.22BIS ISOMODEM CHIPSET WITH ERROR CORRECTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3015 Fiches technique(HTML) 5 Page - Silicon Laboratories

  SI3015 Datasheet HTML 1Page - Silicon Laboratories SI3015 Datasheet HTML 2Page - Silicon Laboratories SI3015 Datasheet HTML 3Page - Silicon Laboratories SI3015 Datasheet HTML 4Page - Silicon Laboratories SI3015 Datasheet HTML 5Page - Silicon Laboratories SI3015 Datasheet HTML 6Page - Silicon Laboratories SI3015 Datasheet HTML 7Page - Silicon Laboratories SI3015 Datasheet HTML 8Page - Silicon Laboratories SI3015 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Si2403
Rev. 1.2
5
Table 2. DAA Loop Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for K-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL =20mA, ACT
1 =1
DCT = 11 (CTR21)
——
7.5
V
DC Termination Voltage
VTR
IL = 42 mA, ACT = 1
DCT = 11 (CTR21)
14.5
V
DC Termination Voltage
VTR
IL = 50 mA, ACT = 1
DCT = 11 (CTR21)
——
40
V
DC Termination Voltage
VTR
IL = 60 mA, ACT = 1
DCT = 11 (CTR21)
40
V
DC Termination Voltage
VTR
IL = 20 mA, ACT = 0
DCT = 01 (Japan)
——
6.0
V
DC Termination Voltage
VTR
IL = 100 mA, ACT = 0
DCT = 01 (Japan)
9—
V
DC Termination Voltage
VTR
IL = 20 mA, ACT = 0
DCT = 10 (FCC)
——
7.5
V
DC Termination Voltage
VTR
IL = 100 mA, ACT = 0
DCT = 10 (FCC)
9—
V
On-Hook Leakage Current
ILK
VTR =–48 V
7
μA
Operating Loop Current
ILP
FCC/Japan Modes
13
120
mA
Operating Loop Current
ILP
CTR21
13
60
mA
DC Ring Current2
DC flowing through
ring detection circuitry
——
7
µA
Ring Detect Voltage3
VRD
RT = 0
11
22
Vrms
Ring Detect Voltage3
VRD
RT = 1
17
33
Vrms
Ring Frequency
FR
15
68
Hz
Ringer Equivalence Number4
REN
0.2
Notes:
1. ACT = U67, bit 5; DCT = U67, bits 3:2; RT = U67, bit 0; RZ = U67, bit 1.
2. R25 and R26 installed.
3. The ring signal is guaranteed to not be detected below the minimum. The ring signal is guaranteed to be detected
above the maximum.
4. C15, R14, Z2, and Z3 not installed. RZ = 0.


Numéro de pièce similaire - SI3015

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3015-BS ETC-SI3015-BS Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
SI3015-BS ETC1-SI3015-BS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
SI3015-KS ETC-SI3015-KS Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
SI3015-KS ETC1-SI3015-KS Datasheet
1Mb / 64P
   GLOBAL MC 97 SILICON DAA
More results

Description similaire - SI3015

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2401-FSR SILABS-SI2401-FSR Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI2433-FT ETC2-SI2433-FT Datasheet
829Kb / 74P
   V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
STMicroelectronics
AN2440 STMICROELECTRONICS-AN2440 Datasheet
246Kb / 13P
   The Error Code Correction
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com