Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si3230M-GT Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce Si3230M-GT
Description  PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3230M-GT Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button Si3230M-GT Datasheet HTML 4Page - Silicon Laboratories Si3230M-GT Datasheet HTML 5Page - Silicon Laboratories Si3230M-GT Datasheet HTML 6Page - Silicon Laboratories Si3230M-GT Datasheet HTML 7Page - Silicon Laboratories Si3230M-GT Datasheet HTML 8Page - Silicon Laboratories Si3230M-GT Datasheet HTML 9Page - Silicon Laboratories Si3230M-GT Datasheet HTML 10Page - Silicon Laboratories Si3230M-GT Datasheet HTML 11Page - Silicon Laboratories Si3230M-GT Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
Si3230
8
Preliminary Rev. 0.96
Trapezoidal Ring Crest
Factor Accuracy
Crest factor = 1.3
–.05
.05
Sinusoidal Ring Crest
Factor
RCF
1.35
1.45
Ringing Frequency Accuracy
f = 20 Hz
–1
1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF Times
–50
50
ms
Calibration Time
↑CAL to ↓CAL Bit
600
ms
Power Alarm Threshold
Accuracy
At Power Threshold = 300 mW
–25
25
%
*Note:
DC resistance round trip; 160
Ω corresponds to 2 kft 26 gauge AWG.
Table 5. Monitor ADC Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Differential Nonlinearity
(6-bit resolution)
DNLE
–1/2
1/2
LSB
Integral Nonlinearity
(6-bit resolution)
INLE
–1
1
LSB
Gain Error (voltage)
10
%
Gain Error (current)
20
%
Table 6. Si3230 DC Characteristics, VDDA = VDDD = 5.0 V
(VDDA,VDDD = 4.75 V to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
0.7 x VDDD
——
V
Low Level Input Voltage
VIL
——
0.3 x VDD
D
V
High Level Output Voltage
VOH
DIO1,DIO2,SDITHRU:IO = –4 mA
SDO:IO = –8 mA
VDDD – 0.6
V
DOUT: IO = –40 mA
VDDD – 0.8
V
Low Level Output Voltage
VOL
DIO1,DIO2,DOUT,SDITHRU:
IO = 4 mA
SDO,INT:IO = 8 mA
——
0.4
V
Input Leakage Current
IL
–10
10
µA
Table 4. Linefeed Characteristics (Continued)
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit


Numéro de pièce similaire - Si3230M-GT

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3230M-GT SILABS-SI3230M-GT Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Description similaire - Si3230M-GT

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Mitel Networks Corporat...
MH88617 MITEL-MH88617 Datasheet
78Kb / 16P
   Programmable SLIC with Ringing Amplification Advance Information
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com