Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA15QS3000-128 Fiches technique(PDF) 9 Page - Littelfuse

No de pièce LA15QS3000-128
Description  Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS3000-128 Fiches technique(HTML) 9 Page - Littelfuse

  LA15QS3000-128 Datasheet HTML 1Page - Littelfuse LA15QS3000-128 Datasheet HTML 2Page - Littelfuse LA15QS3000-128 Datasheet HTML 3Page - Littelfuse LA15QS3000-128 Datasheet HTML 4Page - Littelfuse LA15QS3000-128 Datasheet HTML 5Page - Littelfuse LA15QS3000-128 Datasheet HTML 6Page - Littelfuse LA15QS3000-128 Datasheet HTML 7Page - Littelfuse LA15QS3000-128 Datasheet HTML 8Page - Littelfuse LA15QS3000-128 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
POWR-GARD® Fuse Datasheet
Special Purpose
©June 2011 Littelfuse
www.littelfuse.com
9
alTernaTe dimenSion SemiconducTor FuSeS
1000 VAC • Very Fast-Acting • 15 – 1000 Amperes
Specifications
Voltage Rating:
AC: 1000 V
DC: 750 V
Interrupting Rating:
100 kA
Ampere Range:
15 – 1000 A
Approvals:
UL Recognized
ampere
raTing
liTTelFuSe
caTalog
numBer
mounTing
Type
maximum
clearing i2T @1000
Vac
(a2S x 103)
WaTTS loSS
@ raTed
currenT (W)
15
LA100P15-1
1
0.6
3.4
20
LA100P20-1
1
0.8
5.9
25
LA100P25-1
1
1,3
9
30
LA100P30-1
1
1.5
12.8
35
LA100P35-4
4
2.2
7.3
40
LA100P40-4
4
2.9
8.3
50
LA100P50-4
4
4.5
11
60
LA100P60-4
4
6.5
13
80
LA100P80-4
4
12
14
100
LA100P100-4
4
18
18
125
LA100P125-4
4
28
23
150
LA100P150-4
4
41
28
200
LA100P200-4
4
72
36
225
LA100P225-4
4
91
40
250
LA100P250-4
4
110
46
300
LA100P300-4
4
160
55
350
LA100P350-4
4
220
65
400
LA100P400-4
4
290
70
500
LA100P500-4
4
450
90
600
LA100P600-4
4
650
110
650
LA100P650-4
4
780
120
700
LA100P700-4
4
880
125
800
LA100P800-4
4
1200
140
1000
LA100P1000-4
4
1900
190
Dimensions for reference only.
ampereS
mounTing
Type
Figure
no.
dimenSionS in incheS (mm)
a
B
c
d
e
F
g
h
J
15 – 30
1
1
2.53
(66.8)
0.56
(14.2)
35 – 60
4
2
5.00
(127)
1.00
(25.4)
3.50
(88.9)
4.31
(109)
4.19
(106)
0.31
(7.9)
0.75
(19.1)
0.13
(3.3)
65 – 100
4
2
5.00
(127)
1.22
(31)
3.50
(88.9)
4.31
(109)
4.19
(106)
0.31
(7.9)
1.00
(25.4)
0.19
(4.8)
125 – 200
4
2
5.72
(145)
1.50
(38.1)
3.47
(88.1)
4.78
(121)
4.16
(106)
0.41
(10.4)
1.00
(25.4)
0.25
(6.4)
225 – 400
4
2
5.72
(145)
2.00
(50.8)
3.47
(88.1)
4.78
(121)
4.16
(106)
0.41
(10.4)
1.50
(25.4)
0.25
(6.4)
500 – 600
4
2
7.72
(196)
2.50
(63.5)
3.47
(88.1)
5.88
(149)
5.56
(147)
0.53
(13.5)
2.00
(50.8)
0.38
(9.7)
650 – 800
4
3
7.44
(189)
2.88
(73.2)
3.94
(100)
5.94
(151)
0.63
(16)
2.00
(50.8)
0.38
(9.7)
0.31
(7.9)
1000
4
4
8.22
(209)
3.50
(88.9)
4.47
(114)
6.59
(167)
5.84
(148)
0.63
(16)
2.75
(69.9)
0.50
(12.7)
1.38
(35.1)
Contact Littelfuse for characteristic curves.
Figure 1
Figure 3
Figure 2
Figure 4
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/la100p
Dimensions in inches (mm)


Numéro de pièce similaire - LA15QS3000-128

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LA15QS3000-128 LITTELFUSE-LA15QS3000-128 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS3000-128 LITTELFUSE-LA15QS3000-128 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS3000-128 LITTELFUSE-LA15QS3000-128 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA15QS3000-128IL LITTELFUSE-LA15QS3000-128IL Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS3000-128IL LITTELFUSE-LA15QS3000-128IL Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
More results

Description similaire - LA15QS3000-128

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
   1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
logo
Eaton All Rights Reserv...
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
   T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
   T-Tron Very Fast Acting Fuses
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
   2.4x7mm micro miniature very fast acting axial fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448012.MR LITTELFUSE-0448012.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com