Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA15QS100-4TI Fiches technique(PDF) 3 Page - Littelfuse

No de pièce LA15QS100-4TI
Description  Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS100-4TI Fiches technique(HTML) 3 Page - Littelfuse

  LA15QS100-4TI Datasheet HTML 1Page - Littelfuse LA15QS100-4TI Datasheet HTML 2Page - Littelfuse LA15QS100-4TI Datasheet HTML 3Page - Littelfuse LA15QS100-4TI Datasheet HTML 4Page - Littelfuse LA15QS100-4TI Datasheet HTML 5Page - Littelfuse LA15QS100-4TI Datasheet HTML 6Page - Littelfuse LA15QS100-4TI Datasheet HTML 7Page - Littelfuse LA15QS100-4TI Datasheet HTML 8Page - Littelfuse LA15QS100-4TI Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
POWR-GARD® Fuse Datasheet
Special Purpose
©June 2011 Littelfuse
www.littelfuse.com
3
F
G
A
B
C
E
J
H
Fig. 4
ampere
raTing
Fig.
no.
dimenSionS in incheS (mm)
a
B
c
d
e
F
g
h
J
10 – 30
1
2
(50.8)
1
2
(12.7)
9
16
(14.3)
31 – 60
3
278
(73.0)
3716
(87.3)
32532
(96.0)
438
(111.1)
1
(25.4)
43
64
(17.1)
11
32
(8.7)
1
8
(3.2)
61 – 100
3
278
(73.0)
3916
(90.5)
31116
(93.7)
438
(111.1)
1732
(31.0)
29
32
(22.9)
5
16
(7.9)
3
16
(4.8)
101 – 200
3
22732
(72.2)
31732
(89.7)
4532
(105.6)
5332
(129.4)
112
(38.1)
1
(25.4)
13
32
(10.3)
1
4
(6.4)
201 – 400
3
22732
(72.2)
31732
(89.7)
4532
(105.6)
5332
(129.4)
2
(50.8)
112
(38.1)
13
32
(10.3)
1
4
(6.4)
401 – 600
3
22732
(72.2)
42932
(124.6)
514
(133.4)
7332
(180.2)
212
(63.5)
2
(50.8)
17
32
(13.5)
3
8
(9.5)
601 – 800
4
3516
(84.1)
5516
(134.9)
61316
(173.0)
278
(73.0)
2
(50.8)
5
8
(15.9)
3
8
(9.5)
5
16
(7.9)
ampere
raTing
Fig.
no.
dimenSionS in incheS (mm)
a
B
c
d
e
F
g
h
1 – 30
2
178
(47.6)
212
(63.5)
278
(73.0)
9
16
(14.3)
13
32
(10.3)
1
4
(6.4)
3
64
(1.2)
31 – 60
2
234
(69.9)
338
(85.7)
358
(92.1)
4516
(109.5)
13
16
(20.6)
23
32
(18.3)
11
32
(8.7)
1
8
(3.2)
61 – 100
3
278
(73.0)
32132
(92.9)
4116
(103.2)
5
(127.0)
1
(25.4)
3
4
(19.1)
13
32
(10.3)
1
8
(3.2)
101 – 200
3
22732
(72.2)
31732
(89.7)
438
(111.1)
5 332
(129.4)
112
(38.1)
1
(25.4)
13
32
(10.3)
1
4
(6.4)
201 – 400
3
22732
(72.2)
42132
(118.3)
42732
(123.0)
614
(158.8)
2
(50.8)
158
(41.3)
9
16
(14.3)
1
4
(6.4)
401 – 800
3
22732
(72.2)
42132
(118.3)
51132
(135.7)
614
(158.8)
212
(63.5)
2
(50.8)
9
16
(14.3)
3
8
(9.5)
ampere
raTing
Fig.
no.
dimenSionS in incheS (mm)
a
B
c
d
e
F
g
h
1 – 30
1
5
(127.0)
5
8
(15.9)
13
16
(20.6)
31 – 60
2
22532
(70.6)
3716
(87.3)
31116
(93.7)
4 38
(111.1)
13
16
(20.6)
23
32
(18.3)
11
32
(8.7)
1
8
(3.2)
61 – 100
2
22932
(73.8)
31732
(89.7)
32532
(96.0)
41532
(113.5)
1116
(27.0)
23
32
(18.3)
11
32
(8.7)
1
8
(3.2)
101 – 200
2
22932
(73.8)
3916
(90.5)
334
(95.3)
41332
(111.9)
1516
(33.3)
1
(25.4)
5
16
(7.9)
3
16
(4.8)
201 – 400
2
22932
(73.8)
33132
(100.8)
4532
(105.6)
518
(130.2)
13764
(40.1)
1
(25.4)
13
32
(10.3)
1
4
(6.4)
401 – 600
2
278
(73.0)
33132
(100.8)
4964
(105.2)
518
(130.2)
2116
(52.8)
112
(38.1)
13
32
(10.3)
1
4
(6.4)
601 – 800
2
3132
(77.0)
5532
(133.4)
51132
(135.7)
714
(184.2)
212
(63.5)
2
(50.8)
17
32
(13.5)
3
8
(9.5)
A
B
C
D
F
G
E
H
Fig. 3
norTh american SemiconducTor FuSeS
150/250/500/600/700 VAC • Very Fast-Acting • 1-1000 Amperes
KLC Series, 600 Volts AC
L70S Series, 700 Volts AC/600 Volts DC
L60S Series, 600 Volts AC


Numéro de pièce similaire - LA15QS100-4TI

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LA15QS100-4TI LITTELFUSE-LA15QS100-4TI Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS100-4TI LITTELFUSE-LA15QS100-4TI Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS100-4TI LITTELFUSE-LA15QS100-4TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Description similaire - LA15QS100-4TI

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
   1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
logo
Eaton All Rights Reserv...
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
   T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
   T-Tron Very Fast Acting Fuses
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
   2.4x7mm micro miniature very fast acting axial fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448012.MR LITTELFUSE-0448012.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com