Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCZ33937AEK Fiches technique(PDF) 4 Page - Freescale Semiconductor, Inc

No de pièce MCZ33937AEK
Description  Fully specified from 8.0 to 40 V covers 12 and 24 V automotive systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33937AEK Fiches technique(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33937AEK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33937A
PIN CONNECTIONS
12
PA_HS
Digital Input
Phase A High Side
Active low input logic signal enables the High Side Driver for Phase A
13
PA_LS
Digital Input
Phase A Low Side
Active high input logic signal enables the Low Side Driver for Phase A
14
VDD
Analog Output
VDD Regulator
VDD regulator output capacitor connection.
15
PB_HS
Digital Input
Phase B High Side
Active low input logic signal enables the High Side Driver for Phase B
16
PB_LS
Digital Input
Phase B Low Side
Active high input logic signal enables the Low Side Driver for Phase B
17
INT
Digital Output
Interrupt
Interrupt pin output
18
CS
Digital Input
Chip Select
Chip Select input. It frames SPI commands and enables SPI port
19
SI
Digital Input
Serial In
Input data for SPI port. Clocked on the falling edge of SCLK, MSB first
20
SCLK
Digital Input
Serial Clock
Clock for SPI port and typically is 3.0 MHz
21
SO
Digital Output
Serial Out
Output data for SPI port. Tri-state until CS becomes low
22
PC_LS
Digital Input
Phase C Low Side
Active high input logic signal enables the Low Side Driver for Phase C
23
PC_HS
Digital Input
Phase C High Side
Active low input logic signal enables the High Side Driver for Phase C
24
AMP_OUT Analog Output
Amplifier Output
Output of the current-sensing amplifier
25
AMP_N
Analog Input
Amplifier Invert
Inverting input of the current-sensing amplifier
26
AMP_P
Analog Input
Amplifier Non-Invert
Non-inverting input of the current-sensing amplifier
27
OC_OUT
Digital Output
Over-current Out
Totem pole digital output of the Over-current Comparator
28
OC_TH
Analog Input Over-current Threshold Threshold of the over-current detector
29
VSS
Ground
Voltage Source Supply Ground reference for logic interface and power supplies
30, 31
GND
Ground
Ground
Substrate and ESD reference, connect to VSS
32
VLS_CAP
Analog Output VLS Regulator Output
Capacitor
VLS Regulator connection for additional output capacitor, providing low-
impedance supply source for Low Side Gate Drive
34
PC_LS_S
Power Input
Phase C Low Side
Source
Source connection for Phase C Low Side FET
35
PC_LS_G
Power Output Phase C Low Side Gate
Drive
Gate drive output for Phase C Low Side
36
PC_HS_S
Power Input
Phase C High Side
Source
Source connection for Phase C High Side FET
37
PC_HS_G
Power Output
Phase C High Side
Gate Drive
Gate Drive for output Phase C High Side FET
38
PC_BOOT
Analog Input
Phase C Bootstrap
Bootstrap capacitor for Phase C
39
PB_LS_S
Power Input
Phase B Low Side
Source
Source connection for Phase B Low Side FET
40
PB_LS_G
Power Output Phase B Low Side Gate
Drive
Gate Drive for output Phase B Low Side
41
PB_HS_S
Power Input
Phase B High Side
Source
Source connection for Phase B High Side FET
42
PB_HS_G
Power Output
Phase B High Side
Gate Drive
Gate Drive for output Phase B High Side
43
PB_BOOT
Analog Input
Phase B Bootstrap
Bootstrap capacitor for Phase B
44
PA_LS_S
Power Input
Phase A Low Side
Source
Source connection for Phase A Low Side FET
Table 1. 33937A Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 20.
Pin
Pin Name
Pin Function
Formal Name
Definition


Numéro de pièce similaire - MCZ33937AEK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MCZ33937AEK/R2 FREESCALE-MCZ33937AEK/R2 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
More results

Description similaire - MCZ33937AEK

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L9945 STMICROELECTRONICS-L9945 Datasheet
1Mb / 151P
   Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
December 2019 Rev 8
logo
XP Power Limited
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
   Single Outputs from 3.3 V to 24 V
logo
Texas Instruments
INA186-Q1 TI1-INA186-Q1 Datasheet
497Kb / 27P
[Old version datasheet]   Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
logo
NXP Semiconductors
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
logo
STMicroelectronics
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
   High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
Rev 6 - May 2022
logo
XP Power Limited
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
   Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
logo
Bel Fuse Inc.
SLT-300 BEL-SLT-300 Datasheet
760Kb / 2P
   Allows Installers to Derive a Fully Isolated 120 V Source from a 277 V Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com