Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G125 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce 74LVC1G125
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G125 Fiches technique(HTML) 3 Page - Diodes Incorporated

  74LVC1G125_12 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74LVC1G125
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125
Document number: DS32202 Rev. 6 - 2
3 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data retention only
1.5
V
VIH
High-level Input Voltage
VCC = 1.65V to 1.95V
0.65 X VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 3V to 3.6V
2
VCC = 4.5V to 5.5V
0.7 X VCC
VIL
Low-level input voltage
VCC = 1.65V to 1.95V
0.35 X VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 3V to 3.6V
0.8
VCC = 4.5V to 5.5V
0.3 X VCC
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65V
-4
mA
VCC = 2.3V
-8
VCC = 3V
-16
-24
VCC = 4.5V
-32
IOL
Low-level output current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 3V
16
24
VCC = 4.5V
32
Δt/ΔV
Input transition rise or fall
rate
VCC = 1.8V ± 0.15V, 2.5V ± 0.2V
20
ns/V
VCC = 3.3V ± 0.3V
10
VCC = 5V ± 0.5V
5
TA
Operating free-air
temperature
-40
125
ºC
Notes:
3. Unused inputs should be held at VCC or Ground.


Numéro de pièce similaire - 74LVC1G125_12

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G125 NXP-74LVC1G125_10 Datasheet
156Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
74LVC1G125 PHILIPS-74LVC1G125_11 Datasheet
134Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 10-7 December 2011
More results

Description similaire - 74LVC1G125_12

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com