Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ14SCX Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74ACTQ14SCX
Description  Guaranteed simultaneous switching noise level and dynamic threshold performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ14SCX Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ14SCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
FACT Noise Characteristics
The setup of a noise characteristics measurement is critical
to the accuracy and repeatability of the tests. The following
is a brief description of the setup used to measure the
noise characteristics of FACT.
Equipment:
Hewlett Packard Model 8180A Word Generator
PC-163A Test Fixture
Tektronics Model 7854 Oscilloscope
Procedure:
1. Verify Test Fixture Loading: Standard Load 50 pF,
500
Ω.
2. Deskew the HFS generator so that no two channels
have greater than 150 ps skew between them. This
requires that the oscilloscope be deskewed first. It is
important to deskew the HFS generator channels
before testing. This will ensure that the outputs switch
simultaneously.
3. Terminate all inputs and outputs to ensure proper load-
ing of the outputs and that the input levels are at the
correct voltage.
4. Set the HFS generator to toggle all but one output at a
frequency of 1 MHz. Greater frequencies will increase
DUT heating and effect the results of the measure-
ment.
VOHV and VOLP are measured with respect to ground reference.
Input pulses have the following characteristics: f
= 1 MHz, t
r = 3ns, tf =
3 ns, skew
< 150 ps.
FIGURE 1. Quiet Output Noise Voltage Waveforms
5. Set the HFS generator input levels at 0V LOW and 3V
HIGH for ACT devices and 0V LOW and 5V HIGH for
AC devices. Verify levels with an oscilloscope.
VOLP/VOLV and VOHP/VOHV:
• Determine the quiet output pin that demonstrates the
greatest noise levels. The worst case pin will usually be
the furthest from the ground pin. Monitor the output volt-
ages using a 50
Ω coaxial cable plugged into a standard
SMB type connector on the test fixture. Do not use an
active FET probe.
• Measure VOLP and VOLV on the quiet output during the
worst case transition for active and enable. Measure
VOHP and VOHV on the quiet output during the worst
case active and enable transition.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
VILD and VIHD:
• Monitor one of the switching outputs using a 50
Ω coaxial
cable plugged into a standard SMB type connector on
the test fixture. Do not use an active FET probe.
• First increase the input LOW voltage level, VIL, until the
output begins to oscillate or steps out a min of 2 ns.
Oscillation is defined as noise on the output LOW level
that exceeds VIL limits, or on output HIGH levels that
exceed VIH limits. The input LOW voltage level at which
oscillation occurs is defined as VILD.
• Next decrease the input HIGH voltage level, VIH, until
the output begins to oscillate or steps out a min of 2 ns.
Oscillation is defined as noise on the output LOW level
that exceeds VIL limits, or on output HIGH levels that
exceed VIH limits. The input HIGH voltage level at which
oscillation occurs is defined as VIHD.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
FIGURE 2. Simultaneous Switching Test Circuit


Numéro de pièce similaire - 74ACTQ14SCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ14SC FAIRCHILD-74ACTQ14SC Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
More results

Description similaire - 74ACTQ14SCX

FabricantNo de pièceFiches techniqueDescription
logo
Nais(Matsushita Electri...
ASX2001H NAIS-ASX2001H Datasheet
95Kb / 5P
   HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
logo
List of Unclassifed Man...
FZH211S ETC-FZH211S Datasheet
122Kb / 3P
   DRIVER AND LEVEL CONVERTER INCI. AUTOMATIC THRESHOLD CHANGEOVER
logo
Rochester Electronics
ICL7660SMTV ROCHESTER-ICL7660SMTV Datasheet
723Kb / 1P
   GUARANTEED PERFORMANCE for military temperature ranges
logo
Maxim Integrated Produc...
MAX5886EVKIT MAXIM-MAX5886EVKIT Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
logo
Lattice Semiconductor
ISPGDX2 LATTICE-ISPGDX2 Datasheet
546Kb / 72P
   High Performance Interfacing and Switching
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
NXP Semiconductors
PCF1252-X PHILIPS-PCF1252-X Datasheet
107Kb / 16P
   Threshold detector and reset generator
1998 Apr 16
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com