Moteur de recherche de fiches techniques de composants électroniques |
|
74HC123D.653 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
74HC123D.653 Fiches technique(HTML) 7 Page - NXP Semiconductors |
7 / 25 page 74HC_HCT123 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 8 — 16 December 2011 7 of 25 NXP Semiconductors 74HC123; 74HCT123 Dual retriggerable monostable multivibrator with reset CI input capacitance -3.5 - - - - - pF 74HCT123 VIH HIGH-level input voltage VCC = 4.5 V to 5.5 V 2.0 1.6 - 2.0 - 2.0 - V VIL LOW-level input voltage VCC = 4.5 V to 5.5 V - 1.2 0.8 - 0.8 - 0.8 V VOH HIGH-level output voltage VI =VIH or VIL; VCC =4.5 V IO = 20 A 4.4 4.5 - 4.4 - 4.4 - V IO = 4 mA 3.98 4.32 - 3.84 - 3.7 - V VOL LOW-level output voltage VI =VIH or VIL; VCC =4.5 V IO =20 A - 0 0.1 - 0.1 - 0.1 V IO = 4.0 mA - 0.15 0.26 - 0.33 - 0.4 V II input leakage current VI =VCC or GND; VCC =5.5 V - - 0.1 - 1.0 - 1.0 A ICC supply current VI =VCC or GND; IO =0 A; VCC =5.5 V - - 8.0 - 80 - 160 A I CC additional supply current per input pin; IO =0A; VI =VCC 2.1 V; other inputs at VCC or GND; VCC = 4.5 V to 5.5 V pins nA, nB - 35 125 - 160 - 170 A pin nRD - 50 180 - 225 - 245 A CI input capacitance -3.5 - - - - - pF Table 6. Static characteristics …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 25 C 40 C to +85 C 40 C to +125 C Unit Min Typ Max Min Max Min Max |
Numéro de pièce similaire - 74HC123D.653 |
|
Description similaire - 74HC123D.653 |