Moteur de recherche de fiches techniques de composants électroniques |
|
BU19TD3WG-XTR Fiches technique(PDF) 1 Page - Rohm |
|
BU19TD3WG-XTR Fiches technique(HTML) 1 Page - Rohm |
1 / 12 page www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved. TSZ02201-0RBR0A300030-1-2 TSZ22111・14・001 1/9 17.JAN.2013.Rev.001 Datasheet CMOS LDO Regulator Series for Portable Equipments Versatile Package FULL CMOS LDO Regulator BUxxTD3WG series ●General Description BUxxTD3WG series is high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSOP5 (2.9 mm × 2.8 mm × 1.25 mm). It has excellent noise characteristics and load responsiveness characteristics despite its low circuit current consumption of 35 μA. It is most appropriate for various applications such as power supplies for logic IC, RF, and camera modules.ROHM’s. ●Features High accuracy detection low current consumption Compatible with small ceramic capacitor(Cin=Co=0.47uF) With built-in output discharge circuit High ripple rejection ON/OFF control of output voltage With built-in over current protection circuit and thermal shutdown circuit Package SSOP5 is similar to SOT-23-5 (JEDEC) Low dropout voltage ●Typical Application Circuit ●Key Specifications Output voltage: 1.0V to 3.4V Accuracy output voltage: ±1.0% (±25mV) Low current consumption: 35 μA Operating temperature range: -40°C to +85°C ●Applications Battery-powered portable equipment, etc. ●Package SSOP5: 2.90mm x 2.80mm x 1.25mm Fig.1 Application Circuit ○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays. STBY VIN GND STBY GND GND VOUT VOUT VIN |
Numéro de pièce similaire - BU19TD3WG-XTR |
|
Description similaire - BU19TD3WG-XTR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |