Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF27P06 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FQPF27P06
Description  60V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF27P06 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FQPF27P06 Datasheet HTML 1Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 2Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 3Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 4Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 5Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 6Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 7Page - Fairchild Semiconductor FQPF27P06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A2. May 2001
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
V
DS = -30V
V
DS = -48V
※ Note : I
D = -27 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
10
-1
10
0
10
1
175℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
-V
SD , Source-Drain Voltage [V]
0
10
20
30
40
50
60
70
80
90
100 110 120 130
0.00
0.04
0.08
0.12
0.16
0.20
0.24
※ Note : T
J = 25
V
GS = - 20V
V
GS = - 10V
-I
D , Drain Current [A]
2
468
10
10
-1
10
0
10
1
175℃
25℃
-55℃
※ Notes :
1. V
DS = -30V
2. 250μ s Pulse Test
-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
- 15.0 V
- 10.0 V
- 8.0 V
- 7.0 V
- 6.0 V
- 5.5 V
- 5.0 V
Bottom : - 4.5 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
-V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Numéro de pièce similaire - FQPF27P06

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FQPF27P06 VBSEMI-FQPF27P06 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Description similaire - FQPF27P06

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com