Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8634HFZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8634HFZ
Description  High Temperature, Low Power Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8634HFZ Fiches technique(HTML) 3 Page - Analog Devices

  AD8634HFZ Datasheet HTML 1Page - Analog Devices AD8634HFZ Datasheet HTML 2Page - Analog Devices AD8634HFZ Datasheet HTML 3Page - Analog Devices AD8634HFZ Datasheet HTML 4Page - Analog Devices AD8634HFZ Datasheet HTML 5Page - Analog Devices AD8634HFZ Datasheet HTML 6Page - Analog Devices AD8634HFZ Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Technical Data
AD8634
Rev. PrA | Page 3 of 7
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, VSY = ±15.0 V
VSY = ±15.0 V, VCM = 0 V, VOUT = 0 V, TMIN ≤ TA ≤ TMAX, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions
SOIC Package
−40°C ≤ TA ≤ +175°C
Flatpack Package
−40°C ≤ TA ≤ +210°C
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Offset Voltage
VOS
200
200
μV
Offset Voltage Drift
ΔVOS/ΔT
0.6
0.8
μV/°C
Offset Voltage Matching
TA = 175°C
150
150
μV
Input Bias Current
IB
−200
+200
−200
+200
nA
Input Offset Current
IOS
30
30
nA
Input Voltage Range
−14.7
+14.7
−14.5
+14.5
V
Common-Mode Rejection
Ratio
CMRR
VCM = −14.0 V to +14.0 V
105
120
100
115
dB
Large Signal Voltage Gain
AVO
−13.5 V ≤ VO ≤ +13.5 V,
RL = 2 kΩ
104
112
100
108
dB
Input Impedance
Differential
TBD
TBD
kΩ||pF
Common-Mode
TBD
TBD
MΩ||pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
14.8
14.90
14.8
14.90
V
RL = 2 kΩ to VCM
14.0
14.5
14.0
14.5
V
RL = 2 kΩ to VCM, TA = TMAX
14.60
14.75
14.60
14.75
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
−14.95
−14.8
−14.95
−14.8
V
RL = 2 kΩ to VCM
−14.8
−14.70
−14.75
−14.65
V
Short-Circuit Current
ISC
+100/−20
+105/−18
mA
POWER SUPPLY
Power Supply Rejection
Ratio
PSRR
VSY = ±2 V to ±18 V
105
115
103
113
dB
Supply Current per
Amplifier
ISY
IO = 0 mA, TA = TMAX
1.0
1.2
1.1
1.3
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
3.6
3.6
V/μs
Gain Bandwidth Product
GBP
VIN = 5 mV p-p, RL = 10 kΩ,
AV = 100
9.7
9.7
MHz
Unity-Gain Crossover
UGC
VIN = 5 mV p-p, RL = 10 kΩ,
AV = 1
2.5
2.5
MHz
−3 dB Closed-Loop
Bandwidth
−3dB
VIN = 5 mV p-p, AV = 1
4.9
4.9
MHz
Phase Margin
ΦM
84
82
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.13
0.13
μV p-p
Voltage Noise Density
en
f = 1 kHz
4.0
4.0
nV/√Hz
Current Noise Density
in
0.6
0.6
pA/√Hz


Numéro de pièce similaire - AD8634HFZ

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Youtai Semico...
AD8634 UMW-AD8634 Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results

Description similaire - AD8634HFZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
HT1104 ETC1-HT1104 Datasheet
302Kb / 8P
   HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
   Low Power, High Precision Operational Amplifier
Rev. F
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
   Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
   Low Power, High Speed Operational Amplifier
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
   LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2705 INTERSIL-HA-2705 Datasheet
514Kb / 3P
   Low Power, High Performance Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
   High Speed Low Power Operational Amplifier
OP97 AD-OP97 Datasheet
363Kb / 12P
   Low-Power, High-Precision Operational Amplifier
REV. D
logo
Global Mixed-mode Techn...
G1577 GMT-G1577 Datasheet
380Kb / 1P
   Low Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com