Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DE2B3KY331KA2BM01 Fiches technique(PDF) 26 Page - Murata Manufacturing Co., Ltd.

No de pièce DE2B3KY331KA2BM01
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2B3KY331KA2BM01 Fiches technique(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button DE2B3KY331KA2BM01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 83 page
background image
C85E.pdf
Jul.13,2011
Item
Pitch of component
Pitch of sprocket hole
Lead spacing
Length from hole center to component center
Length from hole center to lead
Body diameter
Deviation along tape, left or right
Carrier tape width
Position of sprocket hole
Lead distance between reference
and bottom planes
Protrusion length
Diameter of sprocket hole
Lead diameter
Total tape thickness
Total thickness, tape and lead wire
Body thickness
Portion to cut in case of defect
Hold down tape width
Hold down tape position
Coating extension on lead
Deviation across tape, front
Deviation across tape, rear
P
P0
F
P2
P1
D
∆S
W
W1
H0
H
r
øD0
ød
t1
t2
T
L
W0
W2
e
∆h1
∆h2
12.7
±1.0
12.7
±0.3
5.0
6.35
±1.3
3.85
±0.7
15.0
±2.0
15.0
±0.3
7.5
±1.0
7.5
±1.5
3.75
±1.0
0
±2.0
0
±1.0
30.0
±2.0
See the individual product specifications.
18.0
±0.5
9.0
±0.5
+0.5 to -1.0
4.0
±0.1
0.6
±0.3
1.5 max.
See the individual product specifications.
11.0
11.5 min.
1.5
±1.5
20.0
25.4
±2.0
12.7
±0.3
10.0
±1.0
7.7
±1.5
2.0 max.
1.0 max.
(in mm)
N2
N3
P3
N7
N4
N5
Code
+0.8
–0.2
+1.5
–1.0
18.0
+2.0
–0
18.0
+2.0
–0
+0
–1.0
12.7mm pitch / lead spacing 5mm taping
Vertical crimp type
(Lead Code: N2)
15mm pitch / lead spacing 7.5mm taping
Vertical crimp type
(Lead Code: N3)
0.6
±0.05
30mm pitch / lead spacing 7.5mm taping
Vertical crimp type
(Lead Code: N7)
25.4mm pitch / lead spacing 10.0mm taping
Vertical crimp type
(Lead Code: N4, N5)
P1
P0
P
D
∆S
F
ød
øD0
R
P1
P2
P0
P
D
∆S
F
ød
øD0
R
P1
P2
P0
P
D
∆S
F
ød
øD0
R
15mm pitch / lead spacing 7.5mm taping
Straight type
(Lead Code: P3)
P1
P2
P0
P
D
∆S
F
ød
øD0
R
P1
P2
P0
P
D
∆S
F
ød
øD0
R
T max.
∆h1
∆h2
O
Marked side
t2
t1
0.6
+0.1
–0.05
Continued on the following page.
Up to the end of crimp
Up to the end of crimp
3.0 max.
Lead Code
N2, N3, N4, N7
4.0 max.
Lead Code
N5
Lead Code
P3
H0
H0
Taping Specifications
3.0 max.
Safety Certified Ceramic Capacitors Packaging
24
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Numéro de pièce similaire - DE2B3KY331KA2BM01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DE2B3KY331KA2BM01 MURATA1-DE2B3KY331KA2BM01 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2B3KY331KA2BM01F MURATA1-DE2B3KY331KA2BM01F Datasheet
446Kb / 23P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
More results

Description similaire - DE2B3KY331KA2BM01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com