Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DE2B3KY331KA2BM01 Fiches technique(PDF) 78 Page - Murata Manufacturing Co., Ltd.

No de pièce DE2B3KY331KA2BM01
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2B3KY331KA2BM01 Fiches technique(HTML) 78 Page - Murata Manufacturing Co., Ltd.

Back Button DE2B3KY331KA2BM01 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. DE2B3KY331KA2BM01 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 83 page
background image
C85E.pdf
Jul.13,2011
When DC-rated capacitors are to be used in AC or ripple
current circuits, be sure to maintain the Vp-p value of the
applied voltage or the Vo-p that contains DC bias within
the rated voltage range.
When the voltage is applied to the circuit, starting or
stopping may generate irregular voltage for a transit
period because of resonance or switching. Be sure to
use a capacitor with a rated voltage range that includes
these irregular voltages.
Voltage
Positional
Measurement
DC Voltage
DC+AC Voltage
AC Voltage
Pulse Voltage (1)
Pulse Voltage (2)
V0-p
V0-p
Vp-p
Vp-p
Vp-p
1. Operating Voltage
Keep the surface temperature of a capacitor below the
upper limit of its rated operating temperature range. Be
sure to take into account the heat generated by the
capacitor itself. When the capacitor is used in a high-
frequency current, pulse current or similar current, it may
have self-generated heat due to dielectric loss. Applied
voltage load should be such that self-generated heat is
within 20
°C under the condition where the capacitor is
subjected to an atmospheric temperature of 25
°C. When
measuring, use a thermocouple of small thermal
capacity-K of ø0.1mm under conditions where the
capacitor is not affected by radiant heat from other
components or wind from surroundings. Excessive heat
may lead to deterioration of the capacitor's characteristics
and reliability. (Never attempt to perform measurement
with the cooling fan running. Otherwise, accurate
measurement cannot be ensured.)
2. Operating Temperature and Self-generated Heat
Test equipment for AC withstanding voltage should be
used with the performance of the wave similar to
50/60Hz sine wave.
If the distorted sine wave or overload exceeding the
specified voltage value is applied, a defect may be
caused.
3. Test Condition for Withstanding Voltage
(1) Test Equipment
Continued on the following page.
s !Caution (Rating)
Safety Certified Ceramic Capacitors for Automotive !Caution
76
12
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Numéro de pièce similaire - DE2B3KY331KA2BM01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DE2B3KY331KA2BM01 MURATA1-DE2B3KY331KA2BM01 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2B3KY331KA2BM01F MURATA1-DE2B3KY331KA2BM01F Datasheet
446Kb / 23P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
More results

Description similaire - DE2B3KY331KA2BM01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com