Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSAC4.00MGC-TC Fiches technique(PDF) 6 Page - Murata Manufacturing Co., Ltd.

No de pièce CSAC4.00MGC-TC
Description  MHz Chip Type -Tight Frequency Tolerance for Automotive-
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSAC4.00MGC-TC Fiches technique(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button CSAC4.00MGC-TC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSAC4.00MGC-TC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSAC4.00MGC-TC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSAC4.00MGC-TC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSAC4.00MGC-TC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSAC4.00MGC-TC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSAC4.00MGC-TC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSAC4.00MGC-TC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSAC4.00MGC-TC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
P16E.pdf
Jul.15,2011
8
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Continued from the preceding page.
M
3.7
±0.2
1.3
±0.1
(0.7)
(3)
0.4
±0.2
0.5
±0.3
0.5
±0.3
0.5
±0.3
0.4
±0.2
0.5
±0.2
(0.7)
(1)
(0.9)
(2)
1.6
±0.2
1.85
±0.3
1.6
±0.2
(in mm)
Thickness varies
with frequency and
built-in capacitance.
*: EIAJ code
CSTCV_X_Q
20.01-70.00MHz
Part Number
Oscillating
Frequency
(MHz)
Initial
Tolerance
Temperature Stability
(%)
Temperature
Range
(
°C)
CSTCC_G_A
2.00 to 3.99
±0.5%
±0.4
[-0.6% to +0.3%:Built-in Capacitance 47pF type within Freq.2.00 to 3.49MHz]
-40 to 125
CSTCR_G_B
4.00 to 7.99
±0.5%
±0.15
-40 to 125
CSTCE_G_A
8.00 to 13.99
±0.5%
±0.2
-40 to 125
CSTCE_V_C
14.00 to 20.00
±0.5%
±0.15
-40 to 125
CSACV_X_Q
20.01 to 70.00
±0.5%
±0.3
-40 to 125
CSTCV_X_Q
20.01 to 70.00
±0.5%
±0.3
-40 to 125
Irregular or stop oscillation may occur under unmatched circuit conditions. Please check the actual conditions prior to use.
s Oscillation Frequency Measuring Circuit
CSTCC_G_A
Rf
Rd
VDD
C1
C2
To Frequency Counter
(1)
(3)
(2)
CSTCE_G_A/CSTCE_V_C/CSTCR_G_B/CSTCV_X_Q
VDD
Rf
To Frequency Counter
5pF
1M
Rd
C1
C2
(1)
(3)
(2)
CSACV_X_Q
VDD
Rf
CL1
CL2
To Frequency Counter
22
µF
0.01
µF
+


Numéro de pièce similaire - CSAC4.00MGC-TC

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Codaca Electro...
CSAC0530 CODACA-CSAC0530 Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
CSAC0530-100M CODACA-CSAC0530-100M Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
CSAC0530-150M CODACA-CSAC0530-150M Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
CSAC0530-1R0M CODACA-CSAC0530-1R0M Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
CSAC0530-1R2M CODACA-CSAC0530-1R2M Datasheet
1Mb / 13P
   Molding Power Choke
07/14/2020
More results

Description similaire - CSAC4.00MGC-TC

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTCC10M0G53A-R0 MURATA-CSTCC10M0G53A-R0 Datasheet
946Kb / 17P
   MHz Chip Type -Tight Frequency Tolerance for Automotive-
logo
Mercury United Electron...
HR57 MERCURY-HR57 Datasheet
104Kb / 1P
   Clock Oscillators [ Tight Frequency Tolerance ]
logo
Kyocera Kinseki Corpota...
PBRV419MR50Y000 KSS-PBRV419MR50Y000 Datasheet
110Kb / 5P
   MHz Band Ceramic Chip Resonators (SMD) PBRV/ PRQV Frequency Tight Tolerance Series
logo
Mercury United Electron...
HR32 MERCURY-HR32 Datasheet
105Kb / 1P
   Clock Oscillators [ Tight Frequency Tolerance ]
HR53 MERCURY-HR53 Datasheet
106Kb / 1P
   Clock Oscillators [ Tight Frequency Tolerance ]
logo
PETERMANN-TECHNIK
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD01612-4 PETERMANN-SMD01612-4 Datasheet
78Kb / 1P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02502-4 PETERMANN-SMD02502-4 Datasheet
73Kb / 2P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD0503 PETERMANN-SMD0503 Datasheet
92Kb / 3P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
logo
Digitron Semiconductors
MPD100 DIGITRON-MPD100 Datasheet
118Kb / 2P
   STABISTORS TIGHT TOLERANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com