Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-Y402-G0000 Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-Y402-G0000
Description  T-1 (3 mm) GaP/GaAsP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-Y402-G0000 Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-Y402-G0000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y402-G0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Figure 7. Recommended Wave Soldering Profile
DISCLAIMER: Avago’s products and software are not specifically designed, manufactured or authorized for sale
as parts, components or assemblies for the planning, construction, maintenenace or direct operation of a
nuclear facility or for use in medical devices or applications. Customer is solely responsible, and waives all rights to
make claims against avago or its suppliers, for all loss, damage, expense or liability in connection with such use.
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved.
AV02-2801EN - January 14, 2011
0
30
40
90
100
250
200
150
100
50
TIME (MINUTES)
PREHEAT
TURBULENT WAVE
LAMINAR WAVE
HOT AIR KNIFE
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature:
245° C ± 5° C (maximum peak
temperature = 250° C)
Dwell time: 1.5 sec - 3.0 sec
(maximum = 3 sec)
Note: Allow for board to be
sufficiently cooled to room
temperature before exerting
10
20
70
60
50
80
mechanical force.


Numéro de pièce similaire - HLMP-Y402-G0000

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-Y202-XXXXX BOARDCOM-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y202-XXXXX AVAGO-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
HLMP-Y601 AVAGO-HLMP-Y601 Datasheet
70Kb / 3P
   The junction temperature of the device determines
logo
Broadcom Corporation.
HLMP-Y601-J00XX BOARDCOM-HLMP-Y601-J00XX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y651 AVAGO-HLMP-Y651 Datasheet
70Kb / 3P
   The junction temperature of the device determines
More results

Description similaire - HLMP-Y402-G0000

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y202-XXXXX AVAGO-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
logo
Broadcom Corporation.
HLMP-Y202-XXXXX BOARDCOM-HLMP-Y202-XXXXX Datasheet
147Kb / 2P
   3mm Yellow GaAsP/GaP LED Lamps
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DS25 AVAGO-HLMP-DS25 Datasheet
254Kb / 8P
   T-1쩐 (5 mm), T-1 (3 mm) InGaN LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com