Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA50DD0T Fiches technique(PDF) 9 Page - Rohm

No de pièce BA50DD0T
Description  Low-saturation regulators, available for output s up to 2A/1A.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA50DD0T Fiches technique(HTML) 9 Page - Rohm

Back Button BA50DD0T Datasheet HTML 5Page - Rohm BA50DD0T Datasheet HTML 6Page - Rohm BA50DD0T Datasheet HTML 7Page - Rohm BA50DD0T Datasheet HTML 8Page - Rohm BA50DD0T Datasheet HTML 9Page - Rohm BA50DD0T Datasheet HTML 10Page - Rohm BA50DD0T Datasheet HTML 11Page - Rohm BA50DD0T Datasheet HTML 12Page - Rohm BA50DD0T Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Datasheet
9/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
●Typical Performance Curves - continued
Fig.12
CTL Voltage vs. Output Voltage
Fig.13
Overvoltage Operating
Characteristics (Io=200mA)
Fig.14
Thermal Shutdown
Circuit Characteristics
Fig.11
CTL Voltage vs. CTL Current


Numéro de pièce similaire - BA50DD0T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA50DD0T ROHM-BA50DD0T Datasheet
388Kb / 6P
   2A Low Dropout Voltage Regulator
BA50DD0T ROHM-BA50DD0T Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA50DD0T ROHM-BA50DD0T Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
More results

Description similaire - BA50DD0T

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA00DD0W-E ROHM-BA00DD0W-E Datasheet
493Kb / 20P
   low-saturation regulators available for outputs up to 2A/1A. The output voltage
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Rohm
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com