Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-316J-500E Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-316J-500E
Description  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-316J-500E Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-316J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
Switching Specifications (AC)
Unless otherwise noted, all typical values at TA = 25°C, VCC1 = 5 V, and VCC2 - VEE = 30 V, VE - VEE = 0 V;
all Minimum/Maximum specifications are at Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
VIN to High Level Output
tPLH
0.10
0.30
0.50
μs
Rg = 10 Ω
17,18,19,
15
Propagation Delay Time
Cg = 10 nF,
20,21,22,
VIN to Low Level Output
tPHL
0.10
0.32
0.50
f = 10 kHz,
45,54,55
Propagation Delay Time
Duty Cycle = 50%
Pulse Width Distortion
PWD
-0.30
0.02
0.30
16,17
Propagation Delay Difference
(tPHL - tPLH)
-0.35
0.35
17,18
Between Any Two Parts
PDD
10% to 90% Rise Time
tr
0.1
45
90% to 10% Fall Time
tf
0.1
DESAT Sense to 90% VOUT Delay
tDESAT(90%)
0.3
0.5
Rg = 10 Ω,
23,56
19
Cg = 10 nF
DESAT Sense to 10% VOUT Delay
tDESAT(10%)
2.0
3.0
VCC2 - VEE = 30 V
24,28,
46,56
DESAT Sense to Low Level FAULT
tDESAT(FAULT)
1.8
5
25,47,
20
Signal Delay
56
DESAT Sense to DESAT Low
tDESAT(LOW)
0.25
56
21
Propagation Delay
RESET to High Level FAULT Signal
tRESET(FAULT)
3
7
20
26,27,
22
Delay
56
RESET Signal Pulse Width
PWRESET
0.1
UVLO to VOUT High Delay
tUVLO ON
4.0
VCC2 = 1.0 ms
49
13
UVLO to VOUT Low Delay
tUVLO OFF
6.0
ramp
14
Output High Level Common Mode
|CMH|
15
30
kV/μs
TA = 25°C,
50,51,
23
Transient Immunity
VCM = 1500 V,
52,53
VCC2 = 30 V
Output Low Level Common Mode
|CML|
15
30
TA = 25°C,
24
Transient Immunity
VCM = 1500 V,
VCC2 = 30 V


Numéro de pièce similaire - HCPL-316J-500E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

Description similaire - HCPL-316J-500E

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com