Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI826X Fiches technique(PDF) 6 Page - Silicon image

No de pièce SI826X
Description  5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICONIMAGE [Silicon image]
Site Internet  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SI826X Fiches technique(HTML) 6 Page - Silicon image

Back Button SI826X Datasheet HTML 2Page - Silicon image SI826X Datasheet HTML 3Page - Silicon image SI826X Datasheet HTML 4Page - Silicon image SI826X Datasheet HTML 5Page - Silicon image SI826X Datasheet HTML 6Page - Silicon image SI826X Datasheet HTML 7Page - Silicon image SI826X Datasheet HTML 8Page - Silicon image SI826X Datasheet HTML 9Page - Silicon image SI826X Datasheet HTML 10Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Si826x
6
Preliminary Rev. 0.9
UVLO Threshold +
(Si826xxBx mode)
VDDUV+
See Figure 11 on page 17.
VDD rising
7.5
8.4
9.4
V
UVLO Threshold –
(Si826xxBx mode)
VDDUV–
See Figure 11 on page 17.
VDD falling
6.9
7.9
8.9
V
UVLO lockout hysteresis
(Si826xxBx mode)
VDDHYS
—500
mV
UVLO Threshold +
(Si826xxCx mode)
VDDUV+
See Figure 12 on page 17.
VDD rising
10.5
12
13.5
V
UVLO Threshold –
(Si826xxCx mode)
VDDUV–
See Figure 12 on page 17.
VDD falling
9.4
10.7
12.2
V
UVLO lockout hysteresis
(Si826xxCx mode)
VDDHYS
—1.3
V
AC Switching Parameters
Propagation delay (Low-to-High)
tPLH
CL = 200 pF
20
40
60
ns
Propagation delay (High-to-Low)
tPHL
CL = 200 pF
10
30
50
ns
Pulse Width Distortion
PWD
|tPLH –tPHL|—
10
ns
Propagation Delay Difference
PDD
|tPHLMAX –tPLHMIN|—
20
ns
Rise time
tR
CL = 200 pF
5.5
15
ns
Fall time
tF
CL = 200 pF
8.5
20
ns
Device Startup Time
tSTART
—16
30
µs
Common Mode
Transient Immunity
CMTI
Output = low or high
(VCM = 1500 V), (IF > 6mA)
(See Figure 3)
35
50
kV/µs
Table 2. Electrical Characteristics (Continued)1
VDD =15V or 30V, GND=0V, IF =6mA, TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Notes:
1. See "8.Ordering Guide" on page 25 for more information.
2. Minimum value of (VDD - GND) decoupling capacitor is 1 µF.
3. Both VO pins are required to be shorted together for 4.0 A compliance.
4. When performing this test, it is recommended that the DUT be soldered to avoid trace inductances, which may cause
over-stress conditions.


Numéro de pièce similaire - SI826X

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
   Rail-to-rail output voltage
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
Silicon image
SI826X-EVB SILICONIMAGE-SI826X-EVB Datasheet
446Kb / 18P
   Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
More results

Description similaire - SI826X

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8261AAC-C-IS SILABS-SI8261AAC-C-IS Datasheet
1Mb / 40P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
logo
Skyworks Solutions Inc.
SI826X SKYWORKS-SI826X Datasheet
459Kb / 39P
   5 KV LED EMULATOR INPUT, 4.0 A ISOLATED GATE DRIVERS
Rev 1.51
logo
Silicon Laboratories
SI8715BC-A-IS SILABS-SI8715BC-A-IS Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI871X SKYWORKS-SI871X Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
logo
Analog Devices
ADUM3123 AD-ADUM3123 Datasheet
488Kb / 15P
   Isolated Precision Gate Driver, 4.0 A Output
ADUM4120 AD-ADUM4120 Datasheet
308Kb / 17P
   Isolated, Precision Gate Drivers with 2 A Output
logo
Texas Instruments
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com