Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3-1393237-4 Fiches technique(PDF) 3 Page - Tyco Electronics

No de pièce 3-1393237-4
Description  Power PCB Relay RT2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393237-4 Fiches technique(HTML) 3 Page - Tyco Electronics

  3-1393237-4 Datasheet HTML 1Page - Tyco Electronics 3-1393237-4 Datasheet HTML 2Page - Tyco Electronics 3-1393237-4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
General Purpose Relays
PCB Relays
Power PCB Relay RT2 (Continued)
Product code
Version
Contacts
Contact material
Coil
Part number
RT424005F
8A,
2 form C (CO)
AgNi 90/10
5VDC
1-1419108-6
RT424012F
pinning 5mm,
contacts
12VDC
2-1393237-8
RT424024F
flux proof
24VDC
1-1419108-7
RT444012F
2 form A (NO)
12VDC
1-1419108-9
RT444024F
contacts
24VDC
2-1419108-0
RTE24005F
8A,
2 form C (CO)
5VDC
4-1419108-0
RTE24006F
pinning 5mm,
contacts
6VDC
6-1393227-5
RTE24009F
wash tight
9VDC
3-1393237-0
RTE24012F
12VDC
3-1393237-1
RTE24024F
24VDC
3-1393237-3
RTE24048F
48VDC
3-1393237-4
RTE44012F
2 form A (NO)
12VDC
4-1419108-2
RTE44024F
contacts
24VDC
3-1393237-5
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Product code structure
Typical product code
RT
4
2
4
024
F
Type
RT Power PCB Relay RT2
Version
4
8A, pinning 5mm, flux proof
E 8A, pinning 5mm, wash tight
Contact arrangement
2
2 form C (CO) contacts
4
2 form A (NO) contacts
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Version
F Standard version


Numéro de pièce similaire - 3-1393237-4

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
3-1393237-4 TEC-3-1393237-4 Datasheet
542Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
More results

Description similaire - 3-1393237-4

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
2-1393243-3 MACOM-2-1393243-3 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-0 MACOM-2-1393243-0 Datasheet
642Kb / 3P
   Power PCB Relay RT2
RT424005 MACOM-RT424005_05 Datasheet
215Kb / 3P
   Power PCB Relay RT2
8-1393243-5 MACOM-8-1393243-5 Datasheet
575Kb / 3P
   Power PCB Relay RT2
2-1393243-1 MACOM-2-1393243-1 Datasheet
642Kb / 3P
   Power PCB Relay RT2
2-1393243-6 MACOM-2-1393243-6 Datasheet
642Kb / 3P
   Power PCB Relay RT2
1649329-9 MACOM-1649329-9 Datasheet
575Kb / 3P
   Power PCB Relay RT2
RT424A12 MACOM-RT424A12 Datasheet
222Kb / 3P
   Power PCB Relay RT2 bistable
logo
TE Connectivity Ltd
RT2-DC TEC-RT2-DC Datasheet
411Kb / 4P
   Power PCB Relay RT2 DC and AC
RT423730 TEC-RT423730 Datasheet
410Kb / 4P
   Power PCB Relay RT2 DC and AC (for global markets)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com