Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74VMEH22501A-EP Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74VMEH22501A-EP
Description  Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501A-EP Fiches technique(HTML) 3 Page - Texas Instruments

  SN74VMEH22501A-EP Datasheet HTML 1Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 2Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 3Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 4Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 5Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 6Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SN74VMEH22501AEP
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES625 − FEBRUARY 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
terminal assignments
123456
A
1OEBY
NC
NC
NC
NC
1OEAB
B
1Y
1A
GND
GND
VCC
1B
C
2Y
2A
VCC
VCC
BIAS VCC
2B
D
3A1
2OEBY
GND
GND
2OEAB
3B1
E
3A2
LE
VCC
3B2
F
3A3
OE
VCC
3B3
G
3A4
CLKBA
GND
GND
CLKAB
3B4
H
3A5
3A6
VCC
VCC
3B6
3B5
J
3A7
3A8
GND
GND
3B8
3B7
K
DIR
NC
NC
NC
NC
VCC
NC − No internal connection
functional description
The SN74CVMEH22501A−EP is a high-drive (–48/64 mA), 8-bit UBT transceiver containing D-type latches and
D-type flip-flops for data-path operation in transparent, latched, or flip-flop modes. Data transmission is true logic.
The device is uniquely partitioned as 8-bit UBT transceivers with two integrated 1-bit three-wire bus transceivers.
functional description for two 1-bit bus transceivers
The OEAB inputs control the activity of the 1B or 2B port. When OEAB is high, the B-port outputs are active. When
OEAB is low, the B-port outputs are disabled.
Separate 1A and 2A inputs and 1Y and 2Y outputs provide a feedback path for control and diagnostics monitoring.
The OEBY inputs control the 1Y or 2Y outputs. When OEBY is low, the Y outputs are active. When OEBY is high,
the Y outputs are disabled.
The OEBY and OEAB inputs can be tied together to form a simple direction control where an input high yields A
data to B bus and an input low yields B data to Y bus.
1-BIT BUS TRANSCEIVER FUNCTION TABLE
INPUTS
OUTPUT
MODE
OEAB
OEBY
OUTPUT
MODE
L
H
Z
Isolation
H
H
A data to B bus
True driver
L
L
B data to Y bus
True driver
H
L
A data to B bus, B data to Y bus
True driver with feedback path
GQL PACKAGE
(TOP VIEW)
1
23456
A
B
C
D
E
F
G
H
J
K


Numéro de pièce similaire - SN74VMEH22501A-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

Description similaire - SN74VMEH22501A-EP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CALVC164245IGQLREP TI-CALVC164245IGQLREP Datasheet
387Kb / 19P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-86DAPG AAVID-7717-86DAPG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com