Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCAN15MB200 Fiches technique(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
No de pièce SCAN15MB200
Description  1.5 Gbps Data Rate Per Channel, Configurable Off/On Pre-emphasis Drives Lossy Backplanes and Cables
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SCAN15MB200 Fiches technique(HTML) 18 Page - Texas Instruments

Back Button SCAN15MB200 Datasheet HTML 12Page - Texas Instruments SCAN15MB200 Datasheet HTML 13Page - Texas Instruments SCAN15MB200 Datasheet HTML 14Page - Texas Instruments SCAN15MB200 Datasheet HTML 15Page - Texas Instruments SCAN15MB200 Datasheet HTML 16Page - Texas Instruments SCAN15MB200 Datasheet HTML 17Page - Texas Instruments SCAN15MB200 Datasheet HTML 18Page - Texas Instruments SCAN15MB200 Datasheet HTML 19Page - Texas Instruments SCAN15MB200 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SCAN15MB200TSQ/NOPB
WQFN
RHS
48
250
213.0
191.0
55.0
SCAN15MB200TSQX/NOP
B
WQFN
RHS
48
2500
367.0
367.0
38.0
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2013
Pack Materials-Page 2


Numéro de pièce similaire - SCAN15MB200

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN15MB200TSQ NSC-SCAN15MB200TSQ Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200TSQ/NOPB TI1-SCAN15MB200TSQ/NOPB Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN15MB200TSQX NSC-SCAN15MB200TSQX Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
More results

Description similaire - SCAN15MB200

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02_07 Datasheet
351Kb / 16P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
SCAN90CP02 NSC-SCAN90CP02 Datasheet
261Kb / 12P
   1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN90CP02 TI1-SCAN90CP02_15 Datasheet
1Mb / 20P
[Old version datasheet]   SCAN90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6
logo
National Semiconductor ...
DS80E100 NSC-DS80E100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 NSC-DS80EP100_08 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_14 Datasheet
6Mb / 17P
[Old version datasheet]   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 TI1-DS80EP100_15 Datasheet
5Mb / 18P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
National Semiconductor ...
DS80EP100 NSC-DS80EP100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS80EP100 TI1-DS80EP100_14 Datasheet
5Mb / 21P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com