Moteur de recherche de fiches techniques de composants électroniques |
|
LQH32CNR47M33L Fiches technique(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
LQH32CNR47M33L Fiches technique(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 2 page 2 Data Sheet !Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. http://www.murata.com/ 2 Inductors (Coils) > Chip Inductor for Automotive (Chip Coil for Automotive) > Power Inductor (Wire Wound Type for Choke) 2012.11.8 oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for Automotive Electronics equipment for your design. Continued from the preceding page. c Impedance-Frequency Characteristics (Typ.) LQH32C_23/LQH32C_33 0.001 0.01 0.1 1 10 100 1 10 100 1000 Frequency (MHz) 22μH 1.0μH 4.7μH c Inductance-Current Characteristics (Typ.) LQH32C_23/LQH32C_33 0.1 1 10 100 1000 1 10 100 1000 DC Current (mA) 22μH 4.7μH 1.0μH c !Caution/Notice !Caution (Rating) Do not use products beyond the rated current as this may create excessive heat. Notice Solderability of Tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the Tin melting point is used. Please confirm the solderability of Tin plating termination chip before use. |
Numéro de pièce similaire - LQH32CNR47M33L |
|
Description similaire - LQH32CNR47M33L |