Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DEHR33A102KN2A Datasheet(Fiches technique) 67 Page - Murata Manufacturing Co., Ltd.

Numéro de pièce DEHR33A102KN2A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Télécharger  83 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo 

DEHR33A102KN2A Datasheet(HTML) 67 Page - Murata Manufacturing Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 67 / 83 page
background image
C85E.pdf
Jul.13,2011
The frequency of the applied sine wave voltage should be
less than 100kHz. The applied voltage should be less
than the value shown in the figure below. For non-sine
wave that includes a harmonic frequency, please contact
our sales representatives or product engineers.
Keep the surface temperature of a capacitor below the
upper limit of its rated operating temperature range.
Be sure to take into account the heat generated by the
capacitor itself. When the capacitor is used in a high-
frequency current, pulse current or similar current, it may
self-generate heat due to dielectric loss.
Excessive heat may lead to deterioration of the
capacitor's characteristics and reliability. (Never attempt
to perform measurement with the cooling fan running.
Otherwise, accurate measurement cannot be ensured.)
Voltage
Positional
Measurement
AC Voltage
Vp-p
1. Operating Voltage
<DEF Series>
2. Operating Temperature and Self-generated Heat
When the capacitor is broken, failure may result in a short
circuit. Be sure to provide an appropriate fail-safe
function like a fuse on your product if failure could result
in an electric shock, fire or fume.
3. Fail-Safe
The temperature of the surface of the capacitor:
below the upper limit of its rated operating temperature
range (including self-heating).
12 to 22pF
to 10pF
27 to 47pF
The capacitor can be applied at a maximum of
6.3kVp-p at 100kHz when the lamp is turned on.
Continued from the preceding page.
1000
1
10
100
10000
Frequency (kHz)
(6300)
High Voltage Ceramic Capacitors !Caution
65
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn