Moteur de recherche de fiches techniques de composants électroniques |
|
LM74CIM-3 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
LM74CIM-3 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 22 page COP8SA Micro- Controller L0(GPI/O) SI SK CS SI/O SC V + GND +3.3 V 0.1 µF GND (A3) SC (A2) SI/O (A1) (B3) CS (B1) V + LM74 SNIS107K – MAY 2000 – REVISED MARCH 2013 www.ti.com Connection Diagram Figure 2. SOIC – Top View Figure 3. 5-Bump DSBGA – Top View See Package Number D See Package Number YTA0005 PIN DESCRIPTIONS SOIC DSBGA Label Function Typical Connection Pin # Pin # Slave Input/Output - Serial bus bi-directional data line. SI/O 1 1 From and to Controller Schmitt trigger input. Slave Clock - Serial bus clock Schmitt trigger input SC 2 5 From Controller line. NC 3 No Connection No Connection GND 4 4 Power Supply Ground Ground NC 5 No Connection No Connection NC 6 No Connection No Connection CS 7 3 Chip Select input. From Controller DC Voltage from 3.0V to 5.5V for the LM74CIM and 2.65V to 5.5V for the LM74CIBP and V+ 8 2 Positive Supply Voltage Input LM74CITP. Bypass with a 0.1 μF ceramic capacitor. Typical Application Figure 4. COP Microcontroller Interface These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM74 |
Numéro de pièce similaire - LM74CIM-3 |
|
Description similaire - LM74CIM-3 |