Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G32Z-7 Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce 74LVC1G32Z-7
Description  SINGLE 2 INPUT POSITIVE OR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32Z-7 Fiches technique(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC1G32Z-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G32Z-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74LVC1G32
SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32
Document number: DS32200 Rev. 6 - 2
7 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Ordering Information
Logic Device
Function
Package
Packing
74LVC1G 32 XXX -7
7 : Tape & Reel
W5 : SOT25
SE : SOT353
Z : SOT553
FW4 : X2-DFN1010-6
FZ4 : X2-DFN1410-6
32 : 2-Input
OR - Gate
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One Gate
Device
Package
Code
Packaging
(Note 6)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G32W5-7
W5
SOT25
3000/Tape & Reel
-7
74LVC1G32SE-7
SE
SOT353
3000/Tape & Reel
-7
74LVC1G32Z-7
Z
SOT553
4000/Tape & Reel
-7
74LVC1G32FW4-7
FW4
X2-DFN1010-6
5000/Tape & Reel
-7
74LVC1G32FZ4-7
FZ4
X2-DFN1410-6
5000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
6. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf
Marking Information
(1) SOT25, SOT353 and SOT553
Part Number
Package
Identification Code
74LVC1G32W5
SOT25
UW
74LVC1G32SE
SOT353
UW
74LVC1G32Z
SOT553
UW
(2) ) X2-DFN1010-6 and X2-DFN1410-6
XX
Y
W
X
: Identification Code
: Year 0~9
: Week : A~Z : 1~26 week;
a~z : 27~52 week;
z represents 52 and 53 week
: A~Z : Internal Code
XX
YW X
(Top View)
Part Number
Package
Identification Code
74LVC1G32FW4
X2-DFN1010-6
UW
74LVC1G32FZ4
X2-DFN1410-6
UW


Numéro de pièce similaire - 74LVC1G32Z-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G32Z-7 DIODES-74LVC1G32Z-7 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32Z-7 DIODES-74LVC1G32Z-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
More results

Description similaire - 74LVC1G32Z-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com