Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8811IBDGKR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC8811IBDGKR
Description  16-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8811IBDGKR Fiches technique(HTML) 3 Page - Texas Instruments

  DAC8811IBDGKR Datasheet HTML 1Page - Texas Instruments DAC8811IBDGKR Datasheet HTML 2Page - Texas Instruments DAC8811IBDGKR Datasheet HTML 3Page - Texas Instruments DAC8811IBDGKR Datasheet HTML 4Page - Texas Instruments DAC8811IBDGKR Datasheet HTML 5Page - Texas Instruments DAC8811IBDGKR Datasheet HTML 6Page - Texas Instruments DAC8811IBDGKR Datasheet HTML 7Page - Texas Instruments DAC8811IBDGKR Datasheet HTML 8Page - Texas Instruments DAC8811IBDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8811
SLAS411B – NOVEMBER 2004 – REVISED FEBRUARY 2007
V
DD = 2.7 V to 5.5 V; IOUT = Virtual GND, GND = 0 V; VREF = 10 V; TA = full operating temperature. All specifications -40°C to
85
°C, unless otherwise noted.
DAC8811
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
STATIC PERFORMANCE
Resolution
16
Bits
Relative accuracy
DAC8811C
±1
LSB
Relative accuracy
DAC8811B
±2
LSB
Differential nonlinearity
±0.5
±1
LSB
Output leakage current
Data = 0000h, TA = 25°C
10
nA
Output leakage current
Data = 0000h, TA = TMAX
10
nA
Full-scale gain error
All ones loaded to DAC register
±1
±4
mV
Full-scale tempco
±3
ppm/
°C
OUTPUT CHARACTERISTICS(1)
Output current
2
mA
Output capacitance
Code dependent
50
pF
REFERENCE INPUT(1)
VREF Range
–15
15
V
Input resistance
5
k
Input capacitance
5
pF
LOGIC INPUTS AND OUTPUT(1)
VDD = 2.7V
0.6
V
VIL
Input low voltage
VDD = 5V
0.8
V
VDD = 2.7V
2.1
V
VIH
Input high voltage
VDD = 5V
2.4
V
IIL
Input leakage current
10
µA
CIL
Input capacitance
10
pF
INTERFACE TIMING
fCLK
Clock input frequency
50
MHz
t(CH)
Clock pulse width high
10
ns
t(CL)
Clock pulse width low
10
ns
t(CSS)
CS to Clock setup time
0
ns
t(CSH)
Clock to CS hold time
10
ns
t(DS)
Data setup time
5
ns
t(DH)
Data hold time
10
ns
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
Logic inputs = 0 V
5
µA
VDD = 4.5 V to 5.5 V
VIH = VDD and VIL = GND
3
5
µA
VDD = 2.7 V to 3.6 V
VIH = VDD and VIL = GND
1
2.5
µA
AC CHARACTERISTICS(1)(2)
To
±0.1% of full-scale, Data = 0000h to FFFFh to 0000h
0.3
ts
Output voltage settling time
µs
To
±0.0015% of full-scale, Data = 0000h to FFFFh to
0.5
0000h
BW –3 dB
Reference mutiplying BW
VREF = 5 VPP, Data = FFFFh
10
MHz
DAC glitch impulse
VREF = 0 V to 10 V, Data = 7FFFh to 8000h to 7FFFh
2
nV/s
Feedthrough error VOUT/VREF
Data = 0000h, VREF = 100 mVRMS, f = 100kHz
–70
dB
(1)
Specified by design and characterization; not production tested.
(2)
All ac characteristic tests are performed in a closed-loop system using the THS4011 I-to-V converter amplifier.
3
Submit Documentation Feedback


Numéro de pièce similaire - DAC8811IBDGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8811IBDGKR TI1-DAC8811IBDGKR Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

Description similaire - DAC8811IBDGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com