Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54310PWPRG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54310PWPRG4
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54310PWPRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS54310PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS54310PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS54310PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS54310PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS54310PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS54310PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS54310PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS54310PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS54310PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
(1) (2)
ELECTRICAL CHARACTERISTICS
TPS54310
SLVS412D – DECEMBER 2001 – REVISED FEBRUARY 2007
THERMAL IMPEDANCE
TA = 25°C
TA = 70°C
TA = 85°C
PACKAGE
JUNCTION-TO-AMBIENT
POWER RATING
POWER RATING
POWER RATING
20-Pin PWP with solder
26
°C/W
3.85 W(3)
2.12 W
1.54 W
20-Pin PWP without solder
57.5
°C/W
1.73 W
0.96 W
0.69 W
(1)
For more information on the PWP package, refer to TI technical brief, literature number SLMA002.
(2)
Test board conditions:
1.
3 inch
× 3 inch, 2 layers, Thickness: 0.062 inch
2.
1.5 oz copper traces located on the top of the PCB
3.
1.5 oz copper ground plane on the bottom of the PCB
4.
Ten thermal vias (see recommended land pattern in application section of this data sheet)
(3)
Maximum power dissipation may be limited by overcurrent protection.
T
J = –40°C to 125°C, VIN = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VIN input voltage range
3
6
V
fs = 350 kHz, SYNC = 0.8 V, RT open
6.2
9.6
Quiescent current
fs = 550 kHz, SYNC ≥ 2.5 V, RT open, phase pin open
8.4
12.8
mA
Shutdown, SS/ENA = 0 V
1
1.4
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3
V
Stop threshold voltage, UVLO
2.70
2.80
Hysteresis voltage, UVLO
0.14
0.16
V
Rising and falling edge deglitch, UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.70
2.80
2.90
V
VO
Output current, VBIAS(2)
100
µA
CUMULATIVE REFERENCE
Vref
Accuracy
0.882
0.891
0.900
V
REGULATION
IL = 1.5 A, fs = 350 kHz, TJ = 85°C
0.07
Line regulation(1)(3)
%/V
IL = 1.5 A, fs = 550 kHz, TJ = 85°C
0.07
IL = 0 A to 3 A, fs = 350 kHz, TJ = 85°C
0.03
Load regulation(1)(3)
%/A
IL = 0 A to 3 A, fs = 550 kHz, TJ = 85°C
0.03
OSCILLATOR
SYNC
≤ 0.8 V, RT open
280
350
420
Internally set free-running frequency range
kHz
SYNC
≥ 2.5 V, RT open
440
550
660
RT = 180 k
Ω (1% resistor to AGND)(1)
252
280
308
Externally set free-running frequency range
RT = 100 k
Ω (1% resistor to AGND)
460
500
540
kHz
RT = 68 k
Ω (1% resistor to AGND)(1)
663
700
762
High-level threshold voltage, SYNC
2.5
V
Low-level threshold voltage, SYNC
0.8
V
Pulse duration, SYNC(1)
50
Frequency range, SYNC(1)
330
700
kHz
Ramp valley(1)
0.75
V
Ramp amplitude (peak-to-peak)(1)
1
V
Minimum controllable on time(1)
200
ns
Maximum duty cycle
90%
(1)
Specified by design
(2)
Static resistive loads only
(3)
Specified by the circuit used in Figure 10.
3
Submit Documentation Feedback


Numéro de pièce similaire - TPS54310PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54310PWPRG4 TI1-TPS54310PWPRG4 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs
More results

Description similaire - TPS54310PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com