Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1002A350SM Fiches technique(PDF) 3 Page - Littelfuse

No de pièce SL1002A350SM
Description  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1002A350SM Fiches technique(HTML) 3 Page - Littelfuse

  SL1002A350SM Datasheet HTML 1Page - Littelfuse SL1002A350SM Datasheet HTML 2Page - Littelfuse SL1002A350SM Datasheet HTML 3Page - Littelfuse SL1002A350SM Datasheet HTML 4Page - Littelfuse SL1002A350SM Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2009 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
37
Revised: November 10, 2009
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1002A Series
SL1002A Series
Device Dimensions
Insertion Loss Characteristics
4.1 ± 0.2
[0.161 ± 0.0079]
3.6 ± 0.2
[0.142 ± 0.0079]
6.2 ± 0.15
0.50
3.9 Ref
[0.154 Ref]
5.00 [0.197]
1.30 [0.051]
3.50 [0.138]
TOP VIEW
PROFILE VIEW
SEMI–PROFILE VIEW
SOLDER PAD LAYOUT
'SM' Type Surface Mount Devices
Typical Insertion Loss Characteristics (600V)
'C' Type Core Devices
Typical Insertion Loss Characteristics (90V)
4.1 ± 0.2
[0.161 ± 0.0079]
3.6 ± 0.2
[0.142 ± 0.0079]
Ø6.0 ± 0.15
[0.236 ± 0.0059]
0.50
TOP VIEW
PROFILE VIEW
SEMI–PROFILE VIEW
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
Frequency [Hz]
Frequency [Hz]
-16
-14
-12
-10
-8
-6
-4
-2
0
2
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
Dimensions are in millimeters [and inches]
Dimensions are in millimeters [and inches]


Numéro de pièce similaire - SL1002A350SM

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SL1002A350 LITTELFUSE-SL1002A350 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1002A350 LITTELFUSE-SL1002A350 Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1002A350 LITTELFUSE-SL1002A350 Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Description similaire - SL1002A350SM

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com