Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1W-CN133 Fiches technique(PDF) 6 Page - Omron Electronics LLC

No de pièce CS1W-CN133
Description  CPU Selection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN133 Fiches technique(HTML) 6 Page - Omron Electronics LLC

Back Button CS1W-CN133 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CN133 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CJ1 Ordering Guide
B-123
Programmable Controller
CJ1
Modules
J Position Control Software and Terminal Blocks
Item
Description/Specifications
Standards
Part number
Item
Description/Specifications
Standards
Part number
CX-Position (NC
Support Software)
Windows 95, 98, NT 4.0, or 2000, Pentium 100 MHz or better,
32 Mbytes of memory min., 50 Mbytes of hard disk space min.
WS02-NCTC1-E
Servo Relay
Terminal Blocks
(S
N t )
For 1-Axis Position Control Module (without communications support)
(CJ1W-CN113/133, CS1W-NC113/133, C200HW-NC113, C200H-NC112)
XW2B-20J6-1B
(See Note.)
For 2- or 4-Axis Position Control Module (without communications support)
(CJ1W-CN213/233/413/433, CS1W-NC213/233/413/433,
C200HW-NC213/413, C500-NC213/211, C200H-NC211)
XW2B-40J6-2B
For 2- or 4-Axis Position Control Module (with communications support)
(CJ1W-CN213/233/413/433, CS1W-NC213/233/413/433,
C200HW-NC213/413)
XW2B-40J6-4A
Note: The ambient operating temperature for 4-Axis Position Control Modules is 0 to 50_C; the allowable voltage fluctuation on the
external 24-VDC power supply is 22.8 to 25.2 VDC (24 V
±5%).
J Cables for Position Control Modules
Item
Description/Specifications
Cable length
Standards
Part number
Position Control
M d l C bl
Connects CJ1W-NC113 to W-Series
0.5 m
XW2Z-050J-A14
Module Cables
(See Note )
Connects CJ1W-NC113 to W-Series
1m
XW2Z-100J-A14
(See Note.)
Connects CJ1W-NC213/413 to W-Series
0.5 m
XW2Z-050J-A15
Connects CJ1W-NC213/413 to W-Series
1m
XW2Z-100J-A15
Connects CJ1W-NC113 to SMARTSTEP
0.5 m
XW2Z-050J-A16
Connects CJ1W-NC113 to SMARTSTEP
1m
XW2Z-100J-A16
Connects CJ1W-NC213/413 to SMARTSTEP
0.5 m
XW2Z-050J-A17
Connects CJ1W-NC213/413 to SMARTSTEP
1m
XW2Z-100J-A17
Connects CJ1W-NC133 to W-Series
0.5 m
XW2Z-050J-A18
Connects CJ1W-NC133 to W-Series
1m
XW2Z-100J-A18
Connects CJ1W-NC233/433 to W-Series
0.5 m
XW2Z-050J-A19
Connects CJ1W-NC233/433 to W-Series
1m
XW2Z-100J-A19
Connects CJ1W-NC133 to SMARTSTEP
0.5 m
XW2Z-050J-A20
Connects CJ1W-NC133 to SMARTSTEP
1m
XW2Z-100J-A20
Connects CJ1W-NC233/433 to SMARTSTEP
0.5 m
XW2Z-050J-A21
Connects CJ1W-NC233/433 to SMARTSTEP
1m
XW2Z-100J-A21
Note: Two Servo Relay Units and two cables for the Position Control Module are required for a 4-Axis Position Control Module.


Numéro de pièce similaire - CS1W-CN133

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
CS1W-CN133 OMRON-CS1W-CN133 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN133 OMRON-CS1W-CN133 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
CS1W-CN133 OMRON-CS1W-CN133 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-CN133-B2 OMRON-CS1W-CN133-B2 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN133-B2 OMRON-CS1W-CN133-B2 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results

Description similaire - CS1W-CN133

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Integrated Device Techn...
8V74S4622 IDT-8V74S4622 Datasheet
393Kb / 16P
   Clock signal selection
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
   Antenna selection guidelines
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Freescale Semiconductor...
AN1668 FREESCALE-AN1668 Datasheet
161Kb / 6P
   Washing Appliance Sensor Selection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com