Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM139-N Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM139-N
Description  The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM139-N Fiches technique(HTML) 5 Page - Texas Instruments

  LM139-N Datasheet HTML 1Page - Texas Instruments LM139-N Datasheet HTML 2Page - Texas Instruments LM139-N Datasheet HTML 3Page - Texas Instruments LM139-N Datasheet HTML 4Page - Texas Instruments LM139-N Datasheet HTML 5Page - Texas Instruments LM139-N Datasheet HTML 6Page - Texas Instruments LM139-N Datasheet HTML 7Page - Texas Instruments LM139-N Datasheet HTML 8Page - Texas Instruments LM139-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3D – NOVEMBER 1999 – REVISED MARCH 2013
Electrical Characteristics
(V
+ = 5 V
DC, TA = 25°C, unless otherwise stated)
LM239, LM339
LM2901
LM3302
Parameter
Test Conditions
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
See(1)
2.0
5.0
2.0
7.0
3
20
mVDC
Input Bias Current
IIN(+) or IIN(−) with Output in Linear
25
250
25
250
25
500
nADC
Range(2), VCM=0V
Input Offset Current
IIN(+)−IIN(−), VCM = 0V
5.0
50
5
50
3
100
nADC
Input Common-Mode V+ = 30 VDC (LM3302,
0
V+
−1.5
0
V+
−1.5
0
V+
−1.5
VDC
Voltage Range
V+ = 28 VDC)
(3)
Supply Current
RL = ∞ on all Comparators,
0.8
2.0
0.8
2.0
0.8
2.0
mADC
RL = ∞, V
+ = 36V,
1.0
2.5
1.0
2.5
1.0
2.5
mADC
(LM3302, V+ = 28 VDC)
Voltage Gain
RL ≥ 15 kΩ, V
+ = 15 V
DC
50
200
25
100
2
30
V/mV
VO = 1 VDC to 11 VDC
Large Signal
VIN = TTL Logic Swing, VREF =
300
300
300
ns
Response Time
1.4 VDC, VRL = 5 VDC,
RL = 5.1 kΩ,
Response Time
VRL = 5 VDC, RL = 5.1 kΩ
(4)
1.3
1.3
1.3
μs
Output Sink Current
VIN(−)= 1 VDC, VIN(+) = 0,
6.0
16
6.0
16
6.0
16
mADC
VO ≤ 1.5 VDC
Saturation Voltage
VIN(−) = 1 VDC, VIN(+) = 0,
250
400
250
400
250
500
mVDC
ISINK ≤ 4 mA
Output Leakage
VIN(+) = 1 VDC,VIN(−) = 0,
0.1
0.1
0.1
nADC
Current
VO = 5 VDC
(1)
At output switch point, VO≃1.4 VDC, RS = 0Ω with V
+ from 5 V
DC to 30 VDC; and over the full input common-mode range (0 VDC to V
+
−1.5 VDC), at 25°C. For LM3302, V
+ from 5 V
DC to 28 VDC.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(3)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5V at 25°C, but either or both inputs can go to +30 VDC without damage (25V for LM3302),
independent of the magnitude of V+.
(4)
The response time specified is a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see
typical performance characteristics section.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N


Numéro de pièce similaire - LM139-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM139-N TI1-LM139-N Datasheet
500Kb / 21P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139-N TI1-LM139-N Datasheet
1Mb / 31P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139-N TI1-LM139-N Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
LM139-N TI1-LM139-N_14 Datasheet
1Mb / 31P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139-N TI1-LM139-N_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
More results

Description similaire - LM139-N

FabricantNo de pièceFiches techniqueDescription
logo
Estek Electronics Co. L...
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
   consists of four independent voltage comparators
logo
Texas Instruments
LM193-N TI-LM193-N Datasheet
1Mb / 24P
[Old version datasheet]   The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.
LM139-N TI1-LM139-N Datasheet
500Kb / 21P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139-N TI1-LM139-N_14 Datasheet
1Mb / 31P
[Old version datasheet]   LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
logo
ON Semiconductor
LM393S ONSEMI-LM393S Datasheet
83Kb / 6P
   Low Offset Voltage Dual Comparators
October, 2014 ??Rev. 0
logo
Maxwell Technologies
139RPFX MAXWELL-139RPFX Datasheet
194Kb / 9P
   Quad Comparators, Low Offset Voltage
logo
ON Semiconductor
LM393 ONSEMI-LM393_16 Datasheet
118Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
logo
ADDtek Corp
AMC393 ADDTEK-AMC393 Datasheet
136Kb / 8P
   LOW OFFSET VOLTAGE DUAL COMPARATORS
JUNE 2006
logo
ON Semiconductor
LM393 ONSEMI-LM393_06 Datasheet
107Kb / 10P
   Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com