Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC2932 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC2932
Description  Dual, 12-Bit, 40MSPS Current Output DAC, Four 12-bit Voltage Output DAC-for Tranamit Control
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC2932 Fiches technique(HTML) 3 Page - Texas Instruments

  DAC2932 Datasheet HTML 1Page - Texas Instruments DAC2932 Datasheet HTML 2Page - Texas Instruments DAC2932 Datasheet HTML 3Page - Texas Instruments DAC2932 Datasheet HTML 4Page - Texas Instruments DAC2932 Datasheet HTML 5Page - Texas Instruments DAC2932 Datasheet HTML 6Page - Texas Instruments DAC2932 Datasheet HTML 7Page - Texas Instruments DAC2932 Datasheet HTML 8Page - Texas Instruments DAC2932 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DAC2932
SBAS279D − AUGUST 2003 − REVISED JULY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS: I-DAC
At TA = TMIN to TMAX (typical values are at TA = 25°C), +VA = +3V, +VD = +3V, Update Rate = 40MSPS, IOUTFS = 2mA, RL = 250Ω, CL ≤ 10pF,
GSET = H, and internal reference, unless otherwise noted.
DAC2932
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
12
Bits
Output update rate (fCLOCK)
40
MSPS
Specified temperature range, operating
Ambient, TA
−40
+85
°C
Static Accuracy(1)(2)
Differential nonlinearity (DNL)
−3.5
±0.5
+3.5
LSB
Integral nonlinearity (INL)
−8
±1.5
+8
LSB
Dynamic Performance(3)
Spurious-free dynamic range (SFDR)
To Nyquist, 0dBFS
fOUT = 0.2MHz, fCLOCK = 20MSPS
68
dBc
fOUT = 0.55MHz, fCLOCK = 40MSPS
71
dBc
fOUT = 1MHz, fCLOCK = 25MSPS(4)
58
70
dBc
fOUT = 2.2MHz, fCLOCK = 40MSPS
72
dBc
fOUT = 5MHz, fCLOCK = 40MSPS
75
dBc
fOUT = 10MHz, fCLOCK = 40MSPS
69
dBc
fOUT = 20MHz, fCLOCK = 40MSPS
57
dBc
Spurious-free dynamic range within a
window
fOUT = 2.2MHz, fCLOCK = 40MSPS
1MHz span
76
dBc
fOUT = 10MHz, fCLOCK = 40MSPS
2MHz span
74
dBc
Total harmonic distortion (THD)
fOUT = 0.55MHz, fCLOCK = 40MSPS
−70
dBc
fOUT = 1MHz, fCLOCK = 25MSPS(4)
−58
−69
dBc
fOUT = 2.2MHz, fCLOCK = 40MSPS
−70
dBc
Signal-to-noise and distortion (SINAD)
fOUT = 1MHz, fCLOCK = 25MSPS(4)
52
61
dBc
Output settling time(1)
to 0.1%
20
ns
Output rise time(1)
10% to 90%
7.7
ns
Output fall time(1)
10% to 90%
7.4
ns
DC Accuracy
Full-scale output range(5)(6) (FSR)
All bits high, IOUT1, IOUT2
0.5
2
mA
Output compliance range(7), VCO
−0.5
+0.5
+0.8
V
Gain error (Full-Scale)
−2
±0.5
+2
%FSR
Gain error drift
70
ppmFSR/°C
Gain matching
−2.5
+0.6
+2.5
%FSR
Offset error
±0.001
%FSR
Power-supply rejection, +VA
+3V, ±10%, at 25°C
−0.9
+0.5
+0.9
%FSR/V
Power-supply rejection, +VD
+3V, ±10%, at 25°C
−0.12
+0.03
+0.12
%FSR/V
Output resistance
200
Output capacitance
IOUT, IOUT to Ground
5
pF
(1) At output IOUT1, IOUT2, while driving a 250Ω load, transition from 000h to FFFh.
(2) Measured at fCLOCK = 25MSPS and fOUT = 1.0MHz.
(3) Differential, transformer (n = 4:1) coupled output, RL = 400Ω.
(4) Differential outputs with a 250Ω load.
(5) Nominal full−scale output current is I
OUTFS + 32
IREF + 32
VREF
R
SET
; with VREF + 1.22V (typ) and RSET + 19.6kW (1%)
(6) Ensured by design and characterization; not production tested.
(7) Gain error to remain ≤10% FSR over the full compliance range.
(8) Combined power dissipation of I-DAC and V-DAC.


Numéro de pièce similaire - DAC2932

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932PFBR BURR-BROWN-DAC2932PFBR Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2932PFBR TI1-DAC2932PFBR Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
DAC2932PFBRG4 TI1-DAC2932PFBRG4 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results

Description similaire - DAC2932

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
WM2619 WOLFSON-WM2619 Datasheet
124Kb / 9P
   12-bit Parallel Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
logo
Analog Devices
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
AD8522 AD-AD8522_15 Datasheet
244Kb / 8P
   Dual 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com