Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4001 Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce 1N4001
Description  Low Current Leakage and Low Cost Moisture Sensitivity Level 1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4001 Fiches technique(HTML) 1 Page - Micro Commercial Components

  1N4001 Datasheet HTML 1Page - Micro Commercial Components 1N4001 Datasheet HTML 2Page - Micro Commercial Components 1N4001 Datasheet HTML 3Page - Micro Commercial Components 1N4001 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001
THRU
1N4007
1 Amp Rectifier
50 - 1000 Volts
DO-41
Features
Low Current Leakage
and Low Cost
Lead Free Finish/RoHS Compliant (Note1)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
1N4001
50V
35V
50V
1N4002
1N4002
100V
70V
100V
1N4003
200V
140V
200V
1N4004
400V
280V
400V
1N4005
600V
420V
600V
1N4006
800V
560V
800V
1N4007
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
VF
1.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
E
20
13/01/01
Lead Length P.C.B. Mounted
TM
Micro Commercial Components
1N4001
1N4007
1N4003
1N4004
1N4005
1N4006
www.mccsemi.com
1 of 4
Micro Commercial Components
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
("P"Suffix designates
Compliant. See ordering information)
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance: 35
°C/W Junction to Case
25
°C/W Junction to Lead at 0.375"
IFM = 1.0A;
TJ = 25
°C*
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Maximum Reverse
Recovery Time
Trr
2.0u
sIF=0.5A, IR=1.0A,
Irr=0.25A
Rating for fusing
I
2t
3.7A
2s
t<8.3ms
Halogen free available upon request by adding suffix "-HF"


Numéro de pièce similaire - 1N4001

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4001 EIC-1N4001 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Description similaire - 1N4001

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SL34A MCC-SL34A Datasheet
451Kb / 3P
   Moisture Sensitivity Level 1
ESDLC5V0PB8 MCC-ESDLC5V0PB8 Datasheet
867Kb / 4P
   Moisture Sensitivity Level 1
ESDLC5V0DFN10 MCC-ESDLC5V0DFN10 Datasheet
489Kb / 3P
   Moisture Sensitivity Level 1
logo
Abracon Corporation
ASEMP ABRACON-ASEMP Datasheet
4Mb / 7P
   Moisture Sensitivity Level ??MSL 1
07.16.12
logo
Taiwan Semiconductor Co...
2CZ4004 TSC-2CZ4004 Datasheet
232Kb / 3P
   Surface mounted device type, Moisture sensitivity level 1
logo
P-tec Corporation
PDC564SM-CXMRGB1 P-TEC-PDC564SM-CXMRGB1 Datasheet
1Mb / 10P
   JEDEC moisture sensitivity level 2A
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com