Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQP19N10L Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FQP19N10L
Description  100V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP19N10L Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FQP19N10L Datasheet HTML 1Page - Fairchild Semiconductor FQP19N10L Datasheet HTML 2Page - Fairchild Semiconductor FQP19N10L Datasheet HTML 3Page - Fairchild Semiconductor FQP19N10L Datasheet HTML 4Page - Fairchild Semiconductor FQP19N10L Datasheet HTML 5Page - Fairchild Semiconductor FQP19N10L Datasheet HTML 6Page - Fairchild Semiconductor FQP19N10L Datasheet HTML 7Page - Fairchild Semiconductor FQP19N10L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A, August 2000
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2000 Fairchild Semiconductor International
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 0.9mH, IAS = 19A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 19A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
100
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.09
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 100 V, VGS = 0 V
--
--
1
µA
VDS = 80 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1.0
--
2.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 9.5 A
VGS = 5 V, ID = 9.5 A
--
0.074
0.082
0.10
0.11
gFS
Forward Transconductance
VDS = 30 V, ID = 9.5 A
--
15
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
670
870
pF
Coss
Output Capacitance
--
160
210
pF
Crss
Reverse Transfer Capacitance
--
35
45
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 19 A,
RG = 25 Ω
--
14
38
ns
tr
Turn-On Rise Time
--
410
830
ns
td(off)
Turn-Off Delay Time
--
20
50
ns
tf
Turn-Off Fall Time
--
140
290
ns
Qg
Total Gate Charge
VDS = 80 V, ID = 19 A,
VGS = 5 V
--
14
18
nC
Qgs
Gate-Source Charge
--
2.9
--
nC
Qgd
Gate-Drain Charge
--
9.2
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
19
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
76
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 19 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 19 A,
dIF / dt = 100 A/µs
--
80
--
ns
Qrr
Reverse Recovery Charge
--
0.195
--
µC


Numéro de pièce similaire - FQP19N10L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQP19N10 FAIRCHILD-FQP19N10 Datasheet
591Kb / 8P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP19N10 ISC-FQP19N10 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Description similaire - FQP19N10L

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com