Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQPF18N20V2 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FQPF18N20V2
Description  200V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF18N20V2 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FQPF18N20V2 Datasheet HTML 1Page - Fairchild Semiconductor FQPF18N20V2 Datasheet HTML 2Page - Fairchild Semiconductor FQPF18N20V2 Datasheet HTML 3Page - Fairchild Semiconductor FQPF18N20V2 Datasheet HTML 4Page - Fairchild Semiconductor FQPF18N20V2 Datasheet HTML 5Page - Fairchild Semiconductor FQPF18N20V2 Datasheet HTML 6Page - Fairchild Semiconductor FQPF18N20V2 Datasheet HTML 7Page - Fairchild Semiconductor FQPF18N20V2 Datasheet HTML 8Page - Fairchild Semiconductor FQPF18N20V2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N o te s :
1 . Z
θ
JC
(t ) = 3 . 1 ℃ /W
M a x .
2 . D u ty F a c t o r , D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
θ
JC
(t )
si n g l e p u l s e
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 ,
S quar e W a v e P u l s e D u r a t i on [ s ec ]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
No t e s :
1 . Z
θ
JC ( t )
= 1. 01 ℃ /W
M a x .
2 . D u ty F a c t o r , D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
θ
JC
(t )
s i ng l e pu l s e
D= 0 . 5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 ,
S quar e W a v e P u l s e D u r a t i on [ s ec ]
Typical Characteristics (Continued)
Figure 11-1. Transient Thermal Response Curve for FQP18N20V2
Figure 11-2. Transient Thermal Response Curve for FQPF18N20V2
t
1
PDM
t
2
t1
PDM
t2


Numéro de pièce similaire - FQPF18N20V2

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FQPF18N20V2 ISC-FQPF18N20V2 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Description similaire - FQPF18N20V2

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com