Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3831G33DQNR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3831G33DQNR
Description  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3831G33DQNR Fiches technique(HTML) 2 Page - Texas Instruments

  TPS3831G33DQNR Datasheet HTML 1Page - Texas Instruments TPS3831G33DQNR Datasheet HTML 2Page - Texas Instruments TPS3831G33DQNR Datasheet HTML 3Page - Texas Instruments TPS3831G33DQNR Datasheet HTML 4Page - Texas Instruments TPS3831G33DQNR Datasheet HTML 5Page - Texas Instruments TPS3831G33DQNR Datasheet HTML 6Page - Texas Instruments TPS3831G33DQNR Datasheet HTML 7Page - Texas Instruments TPS3831G33DQNR Datasheet HTML 8Page - Texas Instruments TPS3831G33DQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS3831
TPS3839
SBVS193B – JUNE 2012 – REVISED APRIL 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PACKAGE
PRODUCT
THRESHOLD VOLTAGE (V)
PACKAGE-LEAD
DESIGNATOR
TPS3831A09
0.900
X2SON-4
DQN
TPS3831G12
1.100
X2SON-4
DQN
TPS3831E16
1.520
X2SON-4
DQN
TPS3831G18
1.670
X2SON-4
DQN
TPS3831L30
2.630
X2SON-4
DQN
TPS3831K33
2.930
X2SON-4
DQN
TPS3831G33
3.080
X2SON-4
DQN
TPS3831K50
4.380
X2SON-4
DQN
SOT23-3
DBZ
TPS3839A09
0.900
X2SON-4
DQN
SOT23-3
DBZ
TPS3839G12
1.100
X2SON-4
DQN
SOT23-3
DBZ
TPS3839E16
1.520
X2SON-4
DQN
SOT23-3
DBZ
TPS3839G18
1.670
X2SON-4
DQN
SOT23-3
DBZ
TPS3839L30
2.630
X2SON-4
DQN
SOT23-3
DBZ
TPS3839K33
2.930
X2SON-4
DQN
SOT23-3
DBZ
TPS3839G33
3.080
X2SON-4
DQN
SOT23-3
DBZ
TPS3839K50
4.380
X2SON-4
DQN
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
MIN
MAX
UNIT
VDD
–0.3
7
V
Voltage
On RESET
–0.3
7
V
Current
RESET pin
10
mA
Operating ambient, TA
–40
+85
°C
Temperature(2)
Storage, Tstg
–65
+150
°C
Human body model (HBM)
2
kV
Electrostatic discharge (ESD) rating:
Charge device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
As a result of the low dissipated power in this device, it is assumed that the junction temperature is equal to the ambient temperature.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS3831 TPS3839


Numéro de pièce similaire - TPS3831G33DQNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3831G33DQNR TI1-TPS3831G33DQNR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Description similaire - TPS3831G33DQNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com